Electronic Components Datasheet Search
  English  ▼

X  

SS0530 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SS0530
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS0530 Datasheet(HTML) 1 Page - Won-Top Electronics

  SS0530 Datasheet HTML 1Page - Won-Top Electronics SS0530 Datasheet HTML 2Page - Won-Top Electronics SS0530 Datasheet HTML 3Page - Won-Top Electronics SS0530 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS0520 – SS0540
1 of 4
© 2006 Won-Top Electronics
Pb
SS0520 – SS0540
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!
Low Turn-on Voltage
!
Fast Switching
A
!
PN Junction Guard Ring for Transient and
ESD Protection
!
Designed for Surface Mount Application
C
!
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
                 
E
Mechanical Data
H
!
Case: SOD-123, Molded Plastic
G
!
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.01 grams (approx.)
!
Marking:
SS0520
B2
SS0530
B3
SS0540
B4
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS0520
SS0530
SS0540
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
Forward Continuous Current (Note 1)
IF
500
mA
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
5.5
A
Power Dissipation (Note 1)
Pd
410
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
244
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS0520
SS0530
SS0540
Unit
Forward Voltage Drop
@IF = 0.1A / 0.5A
VFM
0.3 / 0.385
0.375 / 0.43
— / 0.51
V
Peak Reverse Leakage Current
@VR = 50% / 100% DC Blocking Voltage
IRM
75 / 250
20 / 130
10 / 20
µA
Typical Junction Capacitance (VR = 0V DC, f = 1MHz)
Cj
170
pF
Note: 1. Valid provided that terminals are kept at ambient temperature.
WTE
POWER SEMICONDUCTORS
SOD-123
Dim
Min
Max
A
3.6
3.9
B
2.5
2.8
C
1.4
1.8
D
0.5
0.7
E
—0.2
G
0.4
—
H
0.95
1.35
J
—0.12
All Dimensions in mm


Similar Part No. - SS0530

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS0530 PANJIT-SS0530 Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SS0530 PANJIT-SS0530 Datasheet
87Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
SS0530 PANJIT-SS0530 Datasheet
93Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Continental Device Indi...
SS0530 CDIL-SS0530 Datasheet
347Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Dc Components
SS0530 DCCOM-SS0530 Datasheet
67Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - SS0530

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com