Electronic Components Datasheet Search
  English  ▼

X  

STPS1L30UPBF Datasheet(PDF) 6 Page - International Rectifier

Part # STPS1L30UPBF
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

STPS1L30UPBF Datasheet(HTML) 6 Page - International Rectifier

  STPS1L30UPBF Datasheet HTML 1Page - International Rectifier STPS1L30UPBF Datasheet HTML 2Page - International Rectifier STPS1L30UPBF Datasheet HTML 3Page - International Rectifier STPS1L30UPBF Datasheet HTML 4Page - International Rectifier STPS1L30UPBF Datasheet HTML 5Page - International Rectifier STPS1L30UPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STPS1L30UPbF
Bulletin PD-20405 07/04
6
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 07/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Leve and Lead-Free.
Qualification Standards can be found on IR's Web site.
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
1
5
24
3
1
-
Schottky STP Series
2
-
Current Rating (1 = 1 A)
3
-
L = Low Forward Voltage
4
-
Voltage Rating (30 = 30V)
5
-
U = SMB
6
-
none = Standard Production
PbF = Lead-Free
Tape & Reel only (3000 pieces)
STPS
1
L
30
U
PbF
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com