Electronic Components Datasheet Search
  English  ▼

X  

STPS1L30UPBF Datasheet(PDF) 1 Page - International Rectifier

Part # STPS1L30UPBF
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

STPS1L30UPBF Datasheet(HTML) 1 Page - International Rectifier

  STPS1L30UPBF Datasheet HTML 1Page - International Rectifier STPS1L30UPBF Datasheet HTML 2Page - International Rectifier STPS1L30UPBF Datasheet HTML 3Page - International Rectifier STPS1L30UPBF Datasheet HTML 4Page - International Rectifier STPS1L30UPBF Datasheet HTML 5Page - International Rectifier STPS1L30UPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
1 Amp
STPS1L30UPbF
Bulletin PD-20405 07/04
1
Major Ratings and Characteristics
I
F(AV) Rectangular
1.0
A
waveform
V
RRM
30
V
I
FSM @ tp= 5 ms sine
360
A
V
F
@1.0Apk, T
J= 125°C
0.30
V
T
J
range
- 55 to 150
°C
Characteristics
Value
Units
The STPS1L30UPbF surface-mount Schottky rectifier has
been designed for applications requiring low forward drop and
small foot prints on PC boards. Typical applications are in disk
drives, switching power supplies, converters, free-wheeling
diodes, battery charging, and reverse battery protection.
Small foot print, surface mountable
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
Description/ Features
www.irf.com
Case Styles
STPS1L30UPbF
SMB
IF(AV) = 1.0 Amp
VR = 30V


Similar Part No. - STPS1L30UPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STPS1L30UPBF VISHAY-STPS1L30UPBF Datasheet
91Kb / 5P
Schottky Rectifier, 1.0 A
15-Aug-08
STPS1L30UPBF VISHAY-STPS1L30UPBF Datasheet
106Kb / 6P
Schottky Rectifier, 1.0 A
05-Mar-10
STPS1L30UPBF VISHAY-STPS1L30UPBF_12 Datasheet
106Kb / 6P
Schottky Rectifier, 1.0 A
05-Mar-10
More results

Similar Description - STPS1L30UPBF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com