Electronic Components Datasheet Search
  English  ▼

X  

TBA120U Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TBA120U
Description  Sound I.F. amplifier/demodulator for TV
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TBA120U Datasheet(HTML) 5 Page - NXP Semiconductors

  TBA120U Datasheet HTML 1Page - NXP Semiconductors TBA120U Datasheet HTML 2Page - NXP Semiconductors TBA120U Datasheet HTML 3Page - NXP Semiconductors TBA120U Datasheet HTML 4Page - NXP Semiconductors TBA120U Datasheet HTML 5Page - NXP Semiconductors TBA120U Datasheet HTML 6Page - NXP Semiconductors TBA120U Datasheet HTML 7Page - NXP Semiconductors TBA120U Datasheet HTML 8Page - NXP Semiconductors TBA120U Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
March 1986
5
Philips Semiconductors
Product specification
Sound I.F. amplifier/demodulator for TV
TBA120U
Notes
1.
Supply voltage operating range is 10 to 18 V.
2.
Pin 5 must be connected to pin 4, when volume control adjustment is not applicable.
Hum suppression
at pin 12
V12/V11
typ.
30
dB
at pin 8
V8/V11
typ.
35
dB
Supply current (pin 11)
IP =I11
9,5 to 17,5
mA
typ.
13,5
mA
I.F. input impedance
|Zi|
typ.
40 k
Ω/4,5 pF
>
15 k
Ω/< 6pF
A.F. output voltage at
∆f= ± 50 kHz; fm = 1 kHz;
Vi = 10 mV; Qo = 45; r.m.s. value
at pin 12
Vo af (rms)
typ.
1,0
V
at pin 8
Vo af (rms)
typ.
1,2
V
Distortion at
∆f= ± 50 kHz; f
m = 1 kHz;
Vi = 10 mV; Qo =20
dtot
typ.
1
%
Fig.2 Application example using TBA120U.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com