Electronic Components Datasheet Search
  English  ▼

X  

TBA120U Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TBA120U
Description  Sound I.F. amplifier/demodulator for TV
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TBA120U Datasheet(HTML) 4 Page - NXP Semiconductors

  TBA120U Datasheet HTML 1Page - NXP Semiconductors TBA120U Datasheet HTML 2Page - NXP Semiconductors TBA120U Datasheet HTML 3Page - NXP Semiconductors TBA120U Datasheet HTML 4Page - NXP Semiconductors TBA120U Datasheet HTML 5Page - NXP Semiconductors TBA120U Datasheet HTML 6Page - NXP Semiconductors TBA120U Datasheet HTML 7Page - NXP Semiconductors TBA120U Datasheet HTML 8Page - NXP Semiconductors TBA120U Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
March 1986
4
Philips Semiconductors
Product specification
Sound I.F. amplifier/demodulator for TV
TBA120U
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
CHARACTERISTICS
VP = 12 V; Tamb =25 °C; f = 5,5 MHz
Supply voltage (pin 11)
VP = V11-1
max.
18
V (1)
Adjustment voltage (pin 5)
V5-1
max.
6
V
Total power dissipation
Ptot
max.
400
mW
By-pass resistance
R13-14
max.
1
k
Ω
Storage temperature range
Tstg
−40 to + 125 °C
Operating ambient temperature range
Tamb
0 to
+ 70
°C
I.F. voltage gain
Gv if 6-14
typ.
68
dB
Input voltage starting limiting
at
∆f= ± 50 kHz; fm = 1 kHz
Vi
typ.
30
µV
<
60
µV
I.F. output voltage at limiting
(peak-to-peak value)
Vo if (p-p)
typ.
250
mV
AM suppression at
∆f= ± 50 kHz; Vi = 500 µV;
fm = 1 kHz; m = 30%
α>
50
dB
typ.
60
dB
I.F. residual voltage without de-emphasis
at pin 12
Vif 12
typ.
30
mV
at pin 8
Vif 8
typ.
20
mV
A.F. voltage gain
Gv af 8-3
typ.
7,5
A.F. adjustment
20 to 36
dB
at R4-5 =5 kΩ;R5-1 = 13 kΩ∆Voaf
typ.
28
dB
A.F. output voltage control range
∆V
oaf
>
70
dB
typ.
85
dB
Adjustment resistor( note 2)
R4-5
1 to 10
k
Ω
D.C. voltage portion at the a.f. outputs
pin 12
V12-1
typ.
5,6
V
pin 8
V8-1
typ.
4,0
V
Output resistance of the a.f. outputs
pin 12
Ro 12-1
typ.
1,1
k
Ω
pin 8
Ro 8-1
typ.
1,1
k
Ω
Input resistance of the a.f. input
Ri 3-1
typ.
2
k
Ω
4,2 to 5,3
V
Stabilized reference voltage
V4-1 =Vref
typ.
4,8
V
Source resistance of reference
voltage source
R4-1
typ.
12
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com