Electronic Components Datasheet Search
  English  ▼

X  

SZ3GA270 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZ3GA270
Description  3.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ3GA270 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZ3GA270 Datasheet HTML 1Page - Solid States Devices, Inc SZ3GA270 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES: †
Prefix “SZ3G” indicates glass cylindrical shape. Replace with “SZ3F” for frit glass shape. Suffix “L” for axial lead, “SM” for surface mount round tab.
“SMS” for square tab.
1)
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2)
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3)
Ratings based on maximum zener voltage of individual units (leaded units). Multiply by 1.3 for SM and SMS devices.
4)
Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square pulse rating is 71% of the value shown.
5)
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels. SM package not available
with frit glass shape.
6)
Screened to MIL-PRF-19500.
7)
For ordering information, price, operating curves, and availability- Contact Factory.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZ3GA7.5 thru SZ3GB510
and
SZ3FA7.5 thru SZ3FB510
Table 1
ELECTRICAL SPECIFICATIONS @ 25°C
MAXIMUM RATINGS
Nominal
Zener
Voltage 1/
Zener
Test
Current
Maximum
Zener
Impedance 2/
Maximum Reverse
Leakage Current
Typical
Temperature
Coefficient
Maximum
Continuous
Current 3/
Maximum
Surge
Current 4/
PART
NUMBER †
VOLTAGE
TOLERANCE
VZ @ IZT
IZT
ZZ @ IZT
IR @ VR
VR
TC @ IZT
IZM
IS
10%
5%
VOLT
mA
Ohms
µA
10%(M)
5%(N)
%/°C
mA
Amps
SZ3GA7.5
SZ3GA8.2
SZ3GA9.1
SZ3GA10
SZ3GA11
SZ3GB7.5
SZ3GB8.2
SZ3GB9.1
SZ3GB10
SZ3GB11
7.5
8.2
9.1
10
11
100
100
50
50
50
2.0
2.2
4.0
4.4
4.9
50
10
10
7
3
3
4
5
7.1
7.8
4
5
6
7.5
8.2
.07
.08
.08
.09
.10
400
360
330
300
250
8
7
6
5
4
SZ3GA12
SZ3GA13
SZ3GA15
SZ3GA16
SZ3GA18
SZ3GB12
SZ3GB13
SZ3GB15
SZ3GB16
SZ3GB18
12
13
15
16
18
50
50
50
25
25
5.4
6.0
6.4
7.1
7.9
2
2
1
1
1
8.6
9.5
10.5
11.4
12.4
9.1
10
11
12
13
.10
.10
.10
.11
.11
230
200
185
170
150
4
3
3
2
2
SZ3GA20
SZ3GA22
SZ3GA24
SZ3GA27
SZ3GA30
SZ3GB20
SZ3GB22
SZ3GB24
SZ3GB27
SZ3GB30
20
22
24
27
30
25
25
25
25
25
8.7
9.7
11
12
16
1
1
1
1
1
14.3
15.5
17.1
19
20
15
16
18
20
22
.11
.11
.11
.11
.11
135
125
110
100
90
2
1.5
1.5
1.5
1.2
SZ3GA33
SZ3GA36
SZ3GA39
SZ3GA43
SZ3GA47
SZ3GB33
SZ3GB36
SZ3GB39
SZ3GB43
SZ3GB47
33
36
39
43
47
10
10
10
10
10
22
28
36
43
51
1
1
1
1
1
23
26
29
31
34
24
27
30
33
36
.11
.11
.11
.13
.13
85
65
60
55
50
1
0.8
0.8
0.7
0.6
SZ3GA51
SZ3GA56
SZ3GA62
SZ3GA68
SZ3GA75
SZ3GB51
SZ3GB56
SZ3GB62
SZ3GB68
SZ3GB75
51
56
62
68
75
10
10
10
10
10
60
70
80
90
100
1
1
1
1
1
37
41
45
49
53
39
43
47
51
56
.13
.13
.13
.13
.13
45
40
35
30
30
0.6
0.5
0.4
0.4
0.4
SZ3GA82
SZ3GA91
SZ3GA100
SZ3GA110
SZ3GA120
SZ3GB82
SZ3GB91
SZ3GB100
SZ3GB110
SZ3GB120
82
91
100
110
120
10
5
5
5
5
120
145
175
250
325
1
1
1
1
1
59
65
71
77
86
62
68
75
82
91
.13
.13
.13
.13
.13
25
25
20
20
20
0.3
0.2
0.2
0.2
0.2
SZ3GA130
SZ3GA150
SZ3GA160
SZ3GA180
SZ3GA200
SZ3GB130
SZ3GB150
SZ3GB160
SZ3GB180
SZ3GB200
130
150
160
180
200
5
5
5
5
2
375
650
780
940
1250
1
1
1
1
1
95
105
114
124
143
100
110
120
130
150
.13
.13
.13
.13
.13
20
18
18
15
15
0.15
0.15
0.10
0.10
0.10
SZ3GA220
SZ3GA240
SZ3GA270
SZ3GA300
SZ3GA330
SZ3GB220
SZ3GB240
SZ3GB270
SZ3GB300
SZ3GB330
220
240
270
300
330
2
2
2
2
2
1450
1650
1900
2300
2500
1
1
1
1
1
152
171
190
210
230
160
180
200
220
240
.13
.13
.13
.14
.14
15
12
12
11
10
0.09
0.09
0.08
0.07
0.07
SZ3GA360
SZ3GA390
SZ3GA430
SZ3GA470
SZ3GA510
SZ3GB360
SZ3GB390
SZ3GB430
SZ3GB470
SZ3GB510
360
390
430
470
510
2
2
2
2
2
2700
3500
4100
4800
5500
1
1
1
1
1
260
290
310
340
370
270
300
330
360
390
.14
.14
.15
.15
.16
9
8
7
7
6
0.06
0.06
0.05
0.05
0.04
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00004F
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com