Electronic Components Datasheet Search
  English  ▼

X  

SZ3GA270 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SZ3GA270
Description  3.0 W and 4.0 W 7.5 - 510 VOLTS ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ3GA270 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SZ3GA270 Datasheet HTML 1Page - Solid States Devices, Inc SZ3GA270 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
Hermetically Sealed in Glass
Axial Lead rated at 3 W
Surface Mount rated at 4W
Available Screening to TX, TXV, and Space Levels
6/
Voltage Tolerances of 10% (A) and 5% (B) Available.
Contact factory for other Voltage Tolerances
Voltage Range from 7.5V to 510V. For Other Voltages,
Contact Factory.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
Symbol
Value
Units
Nominal Zener Voltage
VZ
7.5 - 510
V
Maximum Zener Current
IZM
400 - 6
mA
Forward Surge Current
(8.3 msec Pulse)
IFSM
8-0.04
A
Continuous
Power
L
SM, SMS
PD
3.0
4.0
W
Operating and Storage
Temp.
Top
&Tstg
-65 to +175
ºC
Thermal Resistance,
Junction to Lead, Axial, L=3/8
Junction to End Cap, SM, SMS
Junction to Ambient
RθJL
RθJE
RθJA
42
32
50
ºC/W
Part Number/Ordering Information 7/
SZ3 __
__
__
__
__
└ Screening 6/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Package Type 5/
L = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
7.5 thru 510 = 7.5V thru 510V
(See Table 1)
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Voltage Tolerance
A = 10% Voltage Tolerance
B = 5% Voltage
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└
Device Shape
G = Glass Sleeve (Cylindrical Shape)
F = Frit Glass (Prolate Spheroid Shape)
SZ3GA7.5 thru SZ3GB510
and
SZ3FA7.5 thru SZ3FB510
3.0 W and 4.0 W
7.5 – 510 VOLTS
ZENER DIODES
GLASS SLEEVE (G)
FRIT GLASS (F)
DIM
MIN.
MAX.
MIN.
MAX.
A
---
.085”
---
.145”
B
---
.170”
---
.175”
C
.028”
.034”
.028”
.034”
D
1.00”
---
1.00”
---
AXIAL(L)
5/
B
C
ØA
GLASS SLEEVE (G)
DIM
MIN
MAX
A
.077”
.083”
B
.130”
.146”
C
.010”
.022”
ROUND TAB (SM)
5/
All dimensions are prior to soldering
GLASS SLEEVE
(G)
FRIT GLASS
(F)
DIM
MIN.
MAX.
MIN.
MAX.
A
.090”
.100”
.145”
.155”
B
.175”
.215”
.200”
.220”
C
.022”
.028”
.022”
.028”
D
.002”
---
.002”
---
SQUARE TAB (SMS)
5/
All dimensions are prior to soldering
DATA SHEET #: Z00004F
DOC


Similar Part No. - SZ3GA270

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ3GA7.5 SSDI-SZ3GA7.5 Datasheet
157Kb / 2P
7.5 ??510 VOLTS ZENER DIODES
SZ3GA7.5 SSDI-SZ3GA7.5 Datasheet
157Kb / 2P
3.0 W and 4.0 W 7.5 ??510 VOLTS ZENER DIODES
SZ3GA7.5 SSDI-SZ3GA7.5_1 Datasheet
157Kb / 2P
7.5 ??510 VOLTS ZENER DIODES
More results

Similar Description - SZ3GA270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZY97C10 ETC1-BZY97C10 Datasheet
74Kb / 5P
1.5 W Zener Diodes
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5 Datasheet
161Kb / 2P
500 W Transient Voltage Suppressor 7.5 - 510 VOLTS
SZ6A7.5 SSDI-SZ6A7.5 Datasheet
146Kb / 2P
6.0W, 8.0W, and 10W 7.5 - 270 VOLTS ZENER DIODES
SZ3GA7.5 SSDI-SZ3GA7.5_1 Datasheet
157Kb / 2P
7.5 ??510 VOLTS ZENER DIODES
SZ6A7.5 SSDI-SZ6A7.5_1 Datasheet
147Kb / 2P
7.5 ??270 VOLTS ZENER DIODES
Z00004M SSDI-Z00004M Datasheet
157Kb / 2P
3.0 W and 4.0 W 7.5 ??510 VOLTS ZENER DIODES
Z00004M-1 SSDI-Z00004M-1 Datasheet
157Kb / 2P
3.0 W and 4.0 W 7.5 ??510 VOLTS ZENER DIODES
Z00005F SSDI-Z00005F Datasheet
147Kb / 2P
6.0W, 8.0W, and 10W 7.5 ??270 VOLTS ZENER DIODES
Z00010D SSDI-Z00010D Datasheet
204Kb / 3P
5 W 6.8 ??390 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
1.0 W Silicon Zener Diodes Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com