Electronic Components Datasheet Search
  English  ▼

X  

TDA10085HT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA10085HT
Description  Single chip DVB-S/DSS channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10085HT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA10085HT Datasheet HTML 2Page - NXP Semiconductors TDA10085HT Datasheet HTML 3Page - NXP Semiconductors TDA10085HT Datasheet HTML 4Page - NXP Semiconductors TDA10085HT Datasheet HTML 5Page - NXP Semiconductors TDA10085HT Datasheet HTML 6Page - NXP Semiconductors TDA10085HT Datasheet HTML 7Page - NXP Semiconductors TDA10085HT Datasheet HTML 8Page - NXP Semiconductors TDA10085HT Datasheet HTML 9Page - NXP Semiconductors TDA10085HT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2001 Aug 31
6
Philips Semiconductors
Product specification
Single chip DVB-S/DSS channel receiver
TDA10085HT
VDDI
26
supply
digital core supply voltage (typically 1.8 V)
VDDE
27
supply
digital supply voltage (typically 3.3 V)
SDA_0
28
I/OD
I2C-bus bidirectional serial input/ open drain output; equivalent to
SDA but with a high-impedance state programmable via the I2C-bus;
a pull-up resistor must be connected between this pin and DVCC
SCL_0
29
OD
I2C-bus clock output; equivalent to SCL but with a high-impedance
state programmable via the I2C-bus; open drain output requiring an
external pull-up resistor to 5 V
VAGC
30
O or OD
PWM encoded output signal for AGC; the refresh frequency of AGC
information is the sampling frequency divided by 2048, the maximum
signal frequency on the VAGC output is 1/4 × AGC sampling clock;
the VAGC output can be selected by I2C-bus to be open-drain or
have 3.3 V capability (typically, output VAGC is fed to the AGC
amplifier through a single RC network)
CTRL3
31
I/OD
control line 3 input/open drain output; this pin function is directly
programmable through the I2C-bus interface and is an input by
default; it requires a pull-up resistor to 3.3 or 5 V, or a pull-down
resistor to GND
SDA
32
I/OD
I2C-bus bidirectional serial data input/output; the open-drain output
requires a pull-up resistor (typically 2.2 k
Ω) to be connected between
SDA and 5 V for proper operation
SCL
33
I
I2C-bus clock input; nominally a square wave with a maximum
frequency of 400 kHz generated by the system I2C-bus master; see
note 1
TMS
34
I/O
boundary scan mode: test mode select input/output; provides the
logic levels needed to change the TAP controller from state to state
serial mode enabled (ENSERI = 1): serial TS uncorrectable output;
when not in serial mode, TMS must be set to VSS
TCK
35
I/O
boundary scan mode: test clock input/output; TCK is an independant
clock used to drive the TAP controller
serial mode enabled (ENSERI = 1): TCK is the serial TS clock
output; when not in serial mode, TCK must be set to VSS
TRST
36
I/O
boundary scan mode: test reset input/output; TRST is an active-LOW
reset input to the TAP controller
serial mode enabled (ENSERI = 1): test reset input/output; TRST is
the serial TS PSYNC output; when not in serial mode, TRST must be
set to VSS
FEL
37
OD
front-end locked output signal that goes HIGH when demodulator,
Viterbi decoder and de-interleaver are all synchronized; open-drain
output requiring an external pull-up resistor to 3.3 or 5 V; can be set
via the I2C-bus to be an interrupt pin
VDDI
38
supply
digital core supply voltage (typically 1.8 V)
VSSI
39
ground
digital core ground voltage; see note 2
TDI
40
I/O
boundary scan mode: test data and instruction serial input
serial mode enabled (ENSERI = 1): serial TS data output; must be
set to VSS when not in serial mode
SYMBOL
PIN
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com