Electronic Components Datasheet Search
  English  ▼

X  

TMDS442PNPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442PNPR
Description  4-TO-2 DVI/HDMI SWITCH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442PNPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMDS442PNPR Datasheet HTML 15Page - Texas Instruments TMDS442PNPR Datasheet HTML 16Page - Texas Instruments TMDS442PNPR Datasheet HTML 17Page - Texas Instruments TMDS442PNPR Datasheet HTML 18Page - Texas Instruments TMDS442PNPR Datasheet HTML 19Page - Texas Instruments TMDS442PNPR Datasheet HTML 20Page - Texas Instruments TMDS442PNPR Datasheet HTML 21Page - Texas Instruments TMDS442PNPR Datasheet HTML 22Page - Texas Instruments TMDS442PNPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
18
20
750
1450
1650
1850
2250
DataRate-Mbps
PRE=High,1200mVPP
PRE=High,800mVPP
SeeFigure9Jitter TestCircuit,V
= AV
=3.3V,
R =50
,
T =25°C,SA1=SB1=Low,
5V_PWR1=High,SA2=SB2=High,5V_PWR4=High,
=
=Low,I2CEN1=I2CEN2=High,
CC
CC
T
A
W
R
=4.64k
HDMIDataPattern
VSADJ
W,
OE1
OE2
PRE=High,800mVPP
PRE=Low,800mVPP
PRE=Low,1200mVPP
0
2
4
6
8
10
12
14
16
18
20
750
1450
1650
1850
2250
DataRate-Mbps
PRE=High,1200mVPP
SeeFigure9Jitter TestCircuit,V
= AV
=3.3V,
R =50
,
T =25°C,SA1=SB1=Low,
5V_PWR1=High,SA2=SB2=High,5V_PWR4=High,
=
=Low,I2CEN1=I2CEN2=High,
CC
CC
T
A
W
R
=4.64k
HDMIDataPattern
VSADJ
W,
OE1
OE2
8
10
12
14
16
18
20
22
24
26
28
30
4
8
12
16
8-milFR4TraceLength-inch
PRE=High,
TTP1800mV
PP
PRE=High,
TTP11200mV
PP
PRE=Low,
TTP11200mV
PP
PRE=Low,
TTP1800mV
PP
SeeFigure9Jitter TestCircuit,V
= AV
=3.3V,
R =50
,
T =25°C,
SA1=SB1=Low,5V_PWR1=High,
SA2=SB2=High,5V_WPR4=High
=
=Low,I2CEN1=I2CEN2=High,
1.65-GbpsHDMIDataPattern,
165-MHzpixelClock,
CC
CC
T
A
W
R
=4.64k
V
at TTP1,
SourceJitter<0.3UI
VSADJ
ID(PP)
W,
OE1
OE2
6
8
10
12
14
16
18
20
22
24
26
28
30
100 300
500 700
900 1100 1300 1500 1700
Peak-to-PeakDifferentialInputVoltage-mVp-p
Output:1mHDMICable,PRE=High
Output:0mHDMICable,PRE=Low
SeeFigure9Jitter TestCircuit,V
= AV
=3.3V,R =50
,
T =25°C,SA1=SB1=Low,
5V_PWR1=High,SA2=SB2=High,5V_PWR4=High,
=
=Low,I2CEN1=I2CEN2=High
165-MhzPixelClockHDMIDataPattern,
CC
CC
T
A
W
R
=4.64k
V
at TTP1,SourceJitter<0.3UI
VSADJ
ID(PP)
W,
OE1
OE2
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
RESIDUAL PEAK-TO-PEAK JITTER
RESIDUAL PEAK-TO-PEAK JITTER
vs
vs
DATA RATE
DATA RATE
(AC Coupled Input: 3m Cable, Output: 1m Cable)
(AC Coupled Input: 3m Cable, Output: 0m Cable)
Figure 17.
Figure 18.
RESIDUAL PEAK-TO-PEAK JITTER
RESIDUAL PEAK-TO-PEAK JITTER
vs
vs
8-MIL FR4 TRACE OUTPUT
PEAK-TO-PEAK DIFFERENTIAL INPUT VOLTAGE
(DC Coupled Input: 5m Cable)
(at TTP1, DC Coupled: 5m Cable)
Figure 19.
Figure 20.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com