Electronic Components Datasheet Search
  English  ▼

X  

LTC491 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC491
Description  Differential Driver and Receiver Pair
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC491 Datasheet HTML 4Page - Linear Technology LTC491 Datasheet HTML 5Page - Linear Technology LTC491 Datasheet HTML 6Page - Linear Technology LTC491 Datasheet HTML 7Page - Linear Technology LTC491 Datasheet HTML 8Page - Linear Technology LTC491 Datasheet HTML 9Page - Linear Technology LTC491 Datasheet HTML 10Page - Linear Technology LTC491 Datasheet HTML 11Page - Linear Technology LTC491 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC491
491fa
S
APPLICATI
I FOR ATIO
When the reflected signal returns to the driver, the ampli-
tude will be lowered. The width of the pedestal is equal to
twice the electrical length of the cable (about 1.5ns/foot).
If the cable is lightly loaded (470
Ω), the signal reflects in
phase and increases the amplitude at the driver output. An
input frequency of 30kHz is adequate for tests out to 4000
feet of cable.
AC Cable Termination
Cable termination resistors are necessary to prevent un-
wanted reflections, but they consume power. The typical
differential output voltage of the driver is 2V when the
cable is terminated with two 120
Ω resistors, causing
33mA of DC current to flow in the cable when no data is
being sent. This DC current is about 60 times greater than
the supply current of the LTC491. One way to eliminate the
unwanted current is by AC coupling the termination resis-
tors as shown in Figure 14.
The coupling capacitor must allow high-frequency energy
to flow to the termination, but block DC and low frequen-
cies. The dividing line between high and low frequency
depends on the length of the cable. The coupling capacitor
must pass frequencies above the point where the line
represents an electrical one-tenth wavelength. The value
of the coupling capacitor should therefore be set at 16.3pF
per foot of cable length for 120
Ω cables. With the coupling
capacitors in place, power is consumed only on the signal
edges, and not when the driver output is idling at a 1 or 0
state. A 100nF capacitor is adequate for lines up to 4000
feet in length. Be aware that the power savings start to
decrease once the data rate surpasses 1/(120
Ω × C).
Receiver Open-Circuit Fail-Safe
Some data encoding schemes require that the output of
the receiver maintains a known state (usually a logic 1)
when the data is finished transmitting and all drivers on the
line are forced into three-state. The receiver of the LTC491
has a fail-safe feature which guarantees the output to be in
a logic 1 state when the receiver inputs are left floating
(open-circuit). However, when the cable is terminated with
120
Ω, the differential inputs to the receiver are shorted
together, not left floating. Because the receiver has about
70mV of hysteresis, the receiver output will tend to main-
tain the last data bit received, but this is not guaranteed.
The termination resistors are used to generate a DC bias
which forces the receiver output to a known state; in the
case of Figure 15, a logic 0. The first method consumes
about 208mW and the second about 8mW. The lowest
power solution is to use an AC termination with a pull-up
resistor. Simply swap the receiver inputs for data proto-
cols ending in logic 1.
LTC491 • F14
120
Ω
RECEIVER
RX
C
C = LINE LENGTH (ft) x 16.3pF
Figure 14. AC Coupled Termination
Figure 15. Forcing “O” When All Drivers are Off
140
Ω
RECEIVER
RX
5V
1.5k
Ω
RECEIVER
RX
5V
110
Ω
130
Ω
110
Ω
130
Ω
LTC491 • F15
120
Ω
RECEIVER
RX
C
5V
100k
Ω
1.5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com