Electronic Components Datasheet Search
  English  ▼

X  

LTC491 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC491
Description  Differential Driver and Receiver Pair
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491 Datasheet(HTML) 4 Page - Linear Technology

  LTC491 Datasheet HTML 1Page - Linear Technology LTC491 Datasheet HTML 2Page - Linear Technology LTC491 Datasheet HTML 3Page - Linear Technology LTC491 Datasheet HTML 4Page - Linear Technology LTC491 Datasheet HTML 5Page - Linear Technology LTC491 Datasheet HTML 6Page - Linear Technology LTC491 Datasheet HTML 7Page - Linear Technology LTC491 Datasheet HTML 8Page - Linear Technology LTC491 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC491
4
491fa
TTL Input Threshold vs Temperature
Driver Skew vs Temperature
Supply Current vs Temperature
Driver Output High Voltage
Driver Differential Output Voltage
Driver Output Low Voltage
vs Output Current, TA = 25°C
vs Output Current, TA = 25°C
vs Output Current, TA = 25°C
Driver Differential Output Voltage
Receiver
 tPLH tPHL
Receiver Output Low Voltage
vs Temperature, RO = 54Ω
vs Temperature
vs Temperature at I = 8mA
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT VOLTAGE (V)
0
0
–24
– 48
–72
–96
12
3
4
LTC491 • TPC01
OUTPUT VOLTAGE (V)
0
0
16
32
48
64
12
3
4
LTC491 • TPC02
OUTPUT VOLTAGE (V)
0
0
20
40
60
80
12
3
4
LTC491 • TPC03
TEMPERATURE (
°C )
–50
1.55
1.57
1.59
1.61
1.63
0
50
100
LTC491 • TPC04
TEMPERATURE (
°C )
–50
1.0
2.0
3.0
4.0
5.0
0
50
100
LTC491 • TPC05
TEMPERATURE (
°C )
–50
310
320
330
340
350
0
50
100
LTC491 • TPC06
TEMPERATURE (
°C )
–50
1.5
1.7
1.9
2.1
2.3
0
50
100
LTC491 • TPC07
TEMPERATURE (
°C )
–50
3.0
4.0
5.0
6.0
7.0
0
50
100
LTC491 • TPC08
TEMPERATURE (
°C )
–50
0
0.2
0.4
0.6
0.8
0
50
100
LTC491 • TPC09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com