Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0512 Datasheet(PDF) 47 Page - Silicon Storage Technology, Inc

Part # SST85LD0512
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0512 Datasheet(HTML) 47 Page - Silicon Storage Technology, Inc

Back Button SST85LD0512 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 51Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
47
4. If the content of words (61:60) as determined by a successful Set-Max-Address command is less than
16,514,064, then the content of word 54 should be equal to [(the content of words (61:60)) ÷ ((the content of
Identify-Device word 55) * (the content of word 56)] or 65,535, whichever is less.
5. If the content of word (61:60), as determined by a successful Set-Max-Address command, is greater than
16,514,064, then word 54 should equal the whole number result of [[(16,514,064) ÷ [(the content of word 55) *
(the content of word 56)]] or 65,535 whichever is less). The content of words (58:57) should be equal to [(the
new content of word 54 as determined by the successful Set-Max-Address command) * (the content of word
55) * (the content of word 56)].
After a successful Set-Max-Address command using a new maximum LBA address the content of all Identify-
Device words must comply with the following:
• The content of words (61:60) should equal the new Maximum LBA address + 1.
• If the content of words (61:60) is greater than 16,514,064 and if the device does not support CHS addressing,
then the content of words 1, 3, 6, 54, 55, 56, and (58:57) should equal zero.
If the device supports CHS addressing:
• The content of words 3, 6, 55, and 56 are unchanged.
• If the new content of words (61:60) is less than 16,514,064, then the content of word 1 should equal [(the new
content of words (61:60)) ÷ [(the content of word 3) * (the content of word 6)]] or 65,535, whichever is less.
• If the new content of words (61:60) is greater than or equal to 16,514,064, then the content of word 1 should be
equal to 16,383.
• If the new content of words (61:60) is less than 16,514,064, then the content of word 54 should equal [(the new
content of words (61:60)) ÷ [(the content of word 55) * (the content of word 56)]].
• If the new content of words (61:60) is greater than or equal to 16,514,064, then the content of word 54 should
equal 16,383.
• Words (58:57) should equal [(the content of word 54) * (the content of word 55) * (the content of word 56).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com