Electronic Components Datasheet Search
  English  ▼

X  

SST85LD0512 Datasheet(PDF) 65 Page - Silicon Storage Technology, Inc

Part # SST85LD0512
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0512 Datasheet(HTML) 65 Page - Silicon Storage Technology, Inc

Back Button SST85LD0512 Datasheet HTML 61Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 62Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 63Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 64Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 65Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 66Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 67Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 68Page - Silicon Storage Technology, Inc SST85LD0512 Datasheet HTML 69Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
65
13.2.3 Multi-word DMA Data Transfer
Note: All AC specifications are guaranteed by design.
FIGURE
13-4: Initiating a Multi-word DMA Data Transfer
TABLE
13-9: Multi-word DMA Timing Parameters - Mode 2
Symbol
Parameter
Min
Max
Units
T01
1. T0 is the minimum total cycle time, TD is the minimum IORD#/IOWD# assertion time, and TK (TKR or TKW, as appropriate)
is the minimum IORD#/IOWD# negation time. A host should lengthen TD and/or TK to ensure that T0 is equal to the value
reported in the device ID.
Cycle Time
120
ns
TD
IORD#/IOWD# Asserted Pulse Width
70
ns
TE
IORD# Data Access
50
ns
TF
IORD# Data Hold
5
ns
TG
IORD#/IOWD# Data Setup
20
ns
TH
IOWD# Data Hold
10
ns
TI
DMACK# to IORD#/IOWR# Setup
0
ns
TJ
IORD#/IOWD# to DMACK Hold
5
ns
TKR
IORD# Negated Pulse Width
25
ns
TKW
IOWD# Negated Pulse Width
25
ns
TLR
IORD# to DMARQ Delay
35
ns
TLW
IOWD# to DMARQ Delay
35
ns
TM
CS(1:0) Valid to IORD#/IOWD#
25
ns
TN
CS(1:0) Hold
10
ns
TZ
DMACK# to Read Data Released
25
ns
T13-9.0 1319
Note:
The host should not assert DMACK# or negate both CS1FX#
and CS3FX# until the assertion of DMARQ is detected.
The maximum time from the assertion of DMARQ to the assertion
of DMACK# or the negation of both CS0 and CS1 is not defined.
TM
TI
TD
TG
TF
TH
TE
Write DQ15-0
Read DQ15-0
IORD#/IOWR
DMACK#
DMARQ
CS1FX#/CS3FX#
1319 F05.0
See note
See note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com