Electronic Components Datasheet Search
  English  ▼

X  

SST25WF010 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF010 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST25WF010 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Advance Information
512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020
21
©2006 Silicon Storage Technology, Inc.
S71328-01-000
02/07
ELECTRICAL SPECIFICATIONS
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Package Power Dissipation Capability (TA = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
Operating Range
Range
Ambient Temp
VDD
Industrial
-40°C to +85°C
1.65-1.95V
Industrial (extended)1
1. Maximum operating frequency is 20 MHz for Extended
Industrial temperature range.
-40°C to +105°C
1.70-1.90V
AC Conditions of Test
Input Rise/Fall Time . . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL = 30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com