Electronic Components Datasheet Search
  English  ▼

X  

SST25WF010 Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST25WF010
Description  512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF010 Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST25WF010 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST25WF010 Datasheet HTML 29Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Advance Information
512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020
29
©2006 Silicon Storage Technology, Inc.
S71328-01-000
02/07
PACKAGING DIAGRAMS
FIGURE 30: 8-Lead Small Outline Integrated Circuit (SOIC)
SST Package Code: SA
TABLE 19: Revision History
Number
Description
Date
00
•
Initial release of data sheet
Nov 2006
01
•
Removed “Commercial” Temperature Range
•
Added references to Tables 6 and 7 in “Block-Protection (BP1, BP0)” on page 8
•
Modified EWSR and WREN footnote information and updated EBSY Op Code
Cycle in Tables 8 and 9
•
Re-phrased first paragraph in “Instructions” on page 9
•
Updated “Byte-Program” on page 12
•
Clarified SO pin statement in second paragraph of “Hardware End-of-Write Detec-
tion” on page 13
•
Added Industrial (extended) values to Operating Range in “Electrical Specifica-
tions” on page 21
•
Added “Power-Up Specifications” on page 22
•
Added typical values to Table 15 on page 24
•
Added contact-lead composition, updated minimum endurance from 10,000 to
100,000 cycles, and changed product valid combinations in “Product Ordering
Information” on page 28
Feb 2007
08-soic-5x6-SA-8
Note: 1. Complies with JEDEC publication 95 MS-012 AA dimensions,
although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (max/min).
3. Coplanarity: 0.1 mm
4. Maximum allowable mold flash is 0.15 mm at the package ends and 0.25 mm between leads.
TOP VIEW
SIDE VIEW
END VIEW
5.0
4.8
6.20
5.80
4.00
3.80
Pin #1
Identifier
0.51
0.33
1.27 BSC
0.25
0.10
1.75
1.35
7°
4 places
0.25
0.19
1.27
0.40
45°
7°
4 places
0°
8°
1mm
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com