Electronic Components Datasheet Search
  English  ▼

X  

LT1116CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1116CS8
Description  12ns, Single Supply Ground-Sensing Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1116CS8 Datasheet(HTML) 7 Page - Linear Technology

  LT1116CS8 Datasheet HTML 1Page - Linear Technology LT1116CS8 Datasheet HTML 2Page - Linear Technology LT1116CS8 Datasheet HTML 3Page - Linear Technology LT1116CS8 Datasheet HTML 4Page - Linear Technology LT1116CS8 Datasheet HTML 5Page - Linear Technology LT1116CS8 Datasheet HTML 6Page - Linear Technology LT1116CS8 Datasheet HTML 7Page - Linear Technology LT1116CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT1116
7
1116fb
High Speed Adaptive Trigger Circuit
Line receivers often require an adaptive trigger to
compensate for variations in signal amplitude and DC
offsets. The circuit in Figure 3 triggers on 2mV to 200mV
signals from 100Hz to 10MHz from a single 5V rail. The
trigger level is the average of the input signal’s positive and
negative peaks stored on 0.005
µF capacitors. Pairs of
NPN and PNP transistors are used instead of diodes to
temperature compensate the peak detector.
Figure 3. Fast Single Supply Adaptive Trigger
APPLICATIO S I FOR ATIO
To achieve single supply operation, the input signal must
be shifted into the pre-amplifier’s common mode range.
The input amplifier A1 adds a 1V level shift, while A2
provides a gain of 20 for high frequency signals.
Capacitors C1 and C2 insure that low frequency signals
see unity gain. Bandwidth limiting in A1 and A2 does not
affect triggering because the adaptive trigger threshold
varies ratiometrically to maintain circuit output.
–
+
–
+
–
+
LT1116 • AI03
Q
500
Ω
200
Ω
4R
200
Ω
R
100
Ω
50
Ω
1k
Ω
1k
Ω
1k
Ω
3k
Ω
1%
3k
Ω
1%
500pF
5pF
1000pF
3M
Ω
3M
Ω
0.1
µF
47
µF
C1
100
µF
C2
0.1
µF
0.005
µF
0.005
µF
5V
5V
5V
5V
5V
5V
LT1116
A2
LT1192
A1
LT1191
A3
LT1006
+
–
Q
–
CABLE
VIN
NPN = 2N3904
PNP = 2N3906
TRIGGER
OUT
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com