Electronic Components Datasheet Search
  English  ▼

X  

LT1192CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1192CS8
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1192CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1192CS8 Datasheet HTML 4Page - Linear Technology LT1192CS8 Datasheet HTML 5Page - Linear Technology LT1192CS8 Datasheet HTML 6Page - Linear Technology LT1192CS8 Datasheet HTML 7Page - Linear Technology LT1192CS8 Datasheet HTML 8Page - Linear Technology LT1192CS8 Datasheet HTML 9Page - Linear Technology LT1192CS8 Datasheet HTML 10Page - Linear Technology LT1192CS8 Datasheet HTML 11Page - Linear Technology LT1192CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1192
Murphy Circuits
An Unterminated Cable Is
A 1X Scope Probe Is a
a Large Capacitive Load
Large Capacitive Load
A Scope Probe on the Inverting
LT1192 Is Stable for Gains
≥≥≥≥≥ 5V/V
Input Reduces Phase Margin
2
+
–
5V
7
LT1192
–5V
4
3
6
1X SCOPE
PROBE
COAX
2
+
–
5V
7
LT1192
–5V
4
3
6
2
+
–
5V
7
LT1192
–5V
4
3
6
SCOPE
PROBE
LT1192 • TA13
+
–
LT1192
APPLICATIO S I FOR ATIO
Driving Capacitive Load
Driving Capacitive Load
LT1192 • TA11
AV = –5, IN DEMO BOARD, CL = 50pF
LT1192 • TA12
AV = –5, IN DEMO BOARD, CL = 50pF
WITH 20
Ω ISOLATING RESISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com