Electronic Components Datasheet Search
  English  ▼

X  

LT1194 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1194
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1194 Datasheet(HTML) 1 Page - Linear Technology

  LT1194 Datasheet HTML 1Page - Linear Technology LT1194 Datasheet HTML 2Page - Linear Technology LT1194 Datasheet HTML 3Page - Linear Technology LT1194 Datasheet HTML 4Page - Linear Technology LT1194 Datasheet HTML 5Page - Linear Technology LT1194 Datasheet HTML 6Page - Linear Technology LT1194 Datasheet HTML 7Page - Linear Technology LT1194 Datasheet HTML 8Page - Linear Technology LT1194 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1194
s
Differential or Single-Ended Gain Block:
±10 (20dB)
s
– 3dB Bandwidth: 35MHz
s
Slew Rate: 500V/
µs
s
Low Cost
s
Output Current:
±50mA
s
Settling Time: 200ns to 0.1%
s
CMRR at 10MHz: 45dB
s
Differential Gain Error: 0.2%
s
Differential Phase Error: 0.08
°
s
Input Amplitude Limiting
s
Single 5V Operation
s
Drives Cables Directly
Video Difference
Amplifier
The LT
®1194 is a video difference amplifier optimized for
operation on
±5V and a single 5V supply. The amplifier has
a fixed gain of 20dB and features adjustable input limiting
to control tough overdrive applications. It has uncommit-
ted high input impedance (+) and (–) inputs, and can be
used in differential or single-ended configurations.
The LT1194’s high slew rate 500V/
µs, wide bandwidth
35MHz, and
±50mA output current make it ideal for
driving cables directly. This versatile amplifier is easy to
use for video or applications requiring speed, accuracy
and low cost.
The LT1194 is available in 8-pin PDIP and SO packages.
s
Line Receivers
s
Video Signal Processing
s
Gain Limiting
s
Oscillators
s
Tape and Disc Drive Systems
Wideband Differential Amplifier
with Limiting
Sine Wave Reduced by Limiting
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
LT1194 • TA01
+
5V
7
6
LT1194
3
2
4
8
OUTPUT
1k
1k
–
–5V
1
VCONTROL
5V
8
NE592
1
14
–5V
7
4
1
µF
1
µF
INPUT
250
Ω
7pF TO 45pF
AV = 1000, –3dB BW = 35MHz
5 +
11
LT1193 • TA02
200kHz SINE WAVE WITH VCONTROL = –5V, –4V, –3V, –2V
VOUT
1V/DIV


Similar Part No. - LT1194

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1194 LINER-LT1194 Datasheet
256Kb / 12P
Video Difference Amplifier
logo
Analog Devices
LT1194 AD-LT1194 Datasheet
586Kb / 18P
Low Power Video Difference Amplifier
1187fb
logo
Linear Technology
LT1194C LINER-LT1194C Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1194CJ8 LINER-LT1194CJ8 Datasheet
1Mb / 21P
Video Difference Amplifier?
More results

Similar Description - LT1194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
High Speed, Video Difference Amplifier
REV.A
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD830 AD-AD830_10 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_15 Datasheet
363Kb / 20P
High Speed, Video Difference Amplifier
REV. C
logo
Linear Technology
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com