Electronic Components Datasheet Search
  English  ▼

X  

LT1194 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1194
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1194 Datasheet(HTML) 3 Page - Linear Technology

  LT1194 Datasheet HTML 1Page - Linear Technology LT1194 Datasheet HTML 2Page - Linear Technology LT1194 Datasheet HTML 3Page - Linear Technology LT1194 Datasheet HTML 4Page - Linear Technology LT1194 Datasheet HTML 5Page - Linear Technology LT1194 Datasheet HTML 6Page - Linear Technology LT1194 Datasheet HTML 7Page - Linear Technology LT1194 Datasheet HTML 8Page - Linear Technology LT1194 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1194
LT1194M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
All Packages
2
8
mV
IOS
Input Offset Current
0.2
3
µA
IB
Input Bias Current
±0.5
±3
µA
Input Voltage Range
2
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = 2V to 3.5V
55
70
dB
VLIM
Output Voltage Limit
VI = ±0.5V, VC = 2V (Note 4)
±20
±120
mV
VOUT
Output Voltage Swing
RL = 100Ω to Ground
VOUT High
3.6
3.8
V
VOUT Low
0.25
0.4
V
SR
Slew Rate
VO = 1V to 3V
250
V/
µs
BW
Small-Signal Bandwidth
32
MHz
IS
Supply Current
32
40
mA
LT1194M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overshoot
VO = ±125mV
0
%
ts
Settling Time
3V Step, 0.1% (Note 7)
200
ns
Diff AV
Differential Gain
RL = 150Ω (Note 8)
0.2
%
Diff Ph
Differential Phase
RL = 150Ω (Note 8)
0.08
DegP-P
IS
Supply Current
35
43
mA
VS = ±5V, VREF = 0V, Null Pins 1 and 8 open circuit, TA = 25°C, CL≤ 10pF, unless otherwise noted.
VS+ = 5V, VS– = 0V, VREF = 2.5V, Null Pins 1 and 8 open circuit, TA = 25°C, CL ≤ 10pF, unless otherwise noted.
LT1194M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8 Package
q
19
mV
∆VOS/∆T
Input VOS Drift
q
6mV/
°C
IOS
Input Offset Current
q
0.8
5
µA
IB
Input Bias Current
q
±1
±5.5
µA
Input Voltage Range
q
– 2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = – 2.5V to 3.5V
q
58
80
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±5V
q
60
80
dB
VLIM
Output Voltage Limit
VI = ±0.5V, VC = 2V (Note 4)
q
±20
±150
mV
VOUT
Output Voltage Swing
VS = ±8V,
RL = 1k
q
6
6.6
V
V
REF = 4V
RL = 100Ω
q
5.9
6.5
V
VS = ±8V,
RL = 1k
q
– 6.1
– 6.7
V
V
REF = –4V
RL = 100Ω
q
–6
–6.5
V
GE
Gain Error
VO = ±3V, RL = 1k
q
15
%
IS
Supply Current
q
35
43
mA
The q denotes specifications which apply over the full operating temperature range of – 55
°C ≤ TA ≤ 125°C.
VS = ±5V, VREF = 0V, Null Pins 1 and 8 open circuit, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com