Electronic Components Datasheet Search
  English  ▼

X  

LT1206 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1206 Datasheet HTML 6Page - Linear Technology LT1206 Datasheet HTML 7Page - Linear Technology LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology LT1206 Datasheet HTML 10Page - Linear Technology LT1206 Datasheet HTML 11Page - Linear Technology LT1206 Datasheet HTML 12Page - Linear Technology LT1206 Datasheet HTML 13Page - Linear Technology LT1206 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1206
10
1206fa
APPLICATIONS INFORMATION
For applications where the full bandwidth of the amplifier
is not required, the quiescent current of the device may be
reduced by connecting a resistor from the shutdown pin
to ground. The quiescent current will be approximately 40
times the current in the shutdown pin. The voltage across
the resistor in this condition is V+ – 3VBE. For example, a
60k resistor will set the quiescent supply current to 10mA
with VS = ±15V.
The photos (Figures 4a and 4b) show the effect of reducing
the quiescent supply current on the large-signal response.
The quiescent current can be reduced to 5mA in the invert-
ing configuration without much change in response. In
noninverting mode, however, the slew rate is reduced as
the quiescent current is reduced.
Slew Rate
Unlike a traditional op amp, the slew rate of a current
feedback amplifier is not independent of the amplifier gain
configuration. There are slew rate limitations in both the
input stage and the output stage. In the inverting mode,
and for higher gains in the noninverting mode, the signal
amplitude on the input pins is small and the overall slew
rate is that of the output stage. The input stage slew rate
is related to the quiescent current and will be reduced as
the supply current is reduced. The output slew rate is set
by the value of the feedback resistors and the internal
capacitance. Larger feedback resistors will reduce the slew
rate as will lower supply voltages, similar to the way the
bandwidth is reduced. The photos (Figures 5a, 5b and 5c)
show the large-signal response of the LT1206 for various
gain configurations. The slew rate varies from 860V/µs
for a gain of 1, to 1400V/µs for a gain of – 1.
RF = 750Ω
RL = 50Ω
IQ = 5mA, 10mA, 20mA
VS = ±15V
50ns/DIV
1206 F04a
RF = 750Ω
RL = 50Ω
IQ = 5mA, 10mA, 20mA
VS = ±15V
50ns/DIV
1206 F04b
RF = 825Ω
RL = 50Ω
VS = ±15V
20ns/DIV
1206 F05a
RF = RG = 750Ω
RL = 50Ω
VS = ±15V
20ns/DIV
1206 F05b
Figure 4a. Large-Signal Response vs IQ, AV = –1
Figure 4b. Large-Signal Response vs IQ, AV = 2
Figure 5a. Large-Signal Response, AV = 1
Figure 5a. Large-Signal Response, AV = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com