Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B Datasheet(PDF) 22 Page - Zilog, Inc.

Part # ZDP323B
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button ZDP323B Datasheet HTML 18Page - Zilog, Inc. ZDP323B Datasheet HTML 19Page - Zilog, Inc. ZDP323B Datasheet HTML 20Page - Zilog, Inc. ZDP323B Datasheet HTML 21Page - Zilog, Inc. ZDP323B Datasheet HTML 22Page - Zilog, Inc. ZDP323B Datasheet HTML 23Page - Zilog, Inc. ZDP323B Datasheet HTML 24Page - Zilog, Inc. ZDP323B Datasheet HTML 25Page - Zilog, Inc. ZDP323B Datasheet HTML 26Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 19
15.4 Sensor Characteristics
Ta = 25 ±5 °C unless otherwise specified.
Table 9 - Sensor Characteristics
Symbol
Parameter
Specification
Conditions
SOUT
Signal Output
Min: 1200 counts (p-p)
Typ: 1800 counts (p-p)
Register Bit [24:25]=11
Register Bit [26:28]=000
NOUT
Noise Output
Max: 250 counts (p-p)
Typ: 100 counts (p-p)
Register Bit [24:25]=11
Register Bit [26:28]=000
DRES
Data Output Resolution
12 Bit
MSB is sign(+/-) bit
TCYC
Data Output Data Update
Cycle Rate
Typ. 9.5 msec.
-
TSTAB
Stability Time
Max: 30 sec. (See section 11) After applying VDD and after
changing digital filter setting.
FOV
Field of View
X Axis: 148°
Y Axis: 136°
See
Figure 3
-
Filter Substrate
Silicon
(5%)
Cut on Wavelength
5 ±1 µm
FT
Filter Transmittance
70%
Average from 8 µm to 13 µm
15.5 Environmental Characteristics
Table 10 - Environmental Characteristics
Symbol
Parameter
Specification
Conditions
TOPP
Recommended Operating
Temperature
-40 to +80 °C
TSTORE
Recommended Storage Temperature
-40 to +80 °C
HOPP
Operating Humidity
95 %RH or less
30 °C
HSTORE
Storage Humidity
95 %RH or less
30 °C
15.6 RoHS Compliance
This product conforms to the RoHS Directive in force at the date of issuance of this product
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com