Electronic Components Datasheet Search
  English  ▼

X  

ZDP323B Datasheet(PDF) 4 Page - Zilog, Inc.

Part # ZDP323B
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B Datasheet(HTML) 4 Page - Zilog, Inc.

  ZDP323B Datasheet HTML 1Page - Zilog, Inc. ZDP323B Datasheet HTML 2Page - Zilog, Inc. ZDP323B Datasheet HTML 3Page - Zilog, Inc. ZDP323B Datasheet HTML 4Page - Zilog, Inc. ZDP323B Datasheet HTML 5Page - Zilog, Inc. ZDP323B Datasheet HTML 6Page - Zilog, Inc. ZDP323B Datasheet HTML 7Page - Zilog, Inc. ZDP323B Datasheet HTML 8Page - Zilog, Inc. ZDP323B Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 1
1 Overview
Zilog’s ZDP323B series of Digital Passive Infrared (DPIR) sensors combines a dual element
PIR sensor with all necessary signal processing and an I2C communication interface to
provide a fully integrated motion sensor, delivering high performance and excellent EMI
immunity for the most demanding motion detection applications.
The device is a dual element, balanced differential (series-opposed type) sensor that comes
in a 4-pin TO-5 nickel-plated metal can. The sensing elements are placed behind a spectral
filter window tuned to 8-13µm wavelength to help block out unwanted IR energy sources.
Communication is supported over an I2C interface and signal processing is performed
digitally with programmable gain, bandwidth, and detection thresholds.
The ZDP323B DPIR sensor should be used in combination with a passive infrared lens.
1.1
Features
• Dual-element balanced differential (series opposed) PIR sensor
• Integrated signal processing with programmable filter/gain profiles
• Programmable thresholds
• I2C interface with trigger output mode
• Up to 4 devices can be supported on a single I2C bus
• 10-bit addressing, or General Call supported
• Elements are 0.75mm x 2.3mm spaced 0.6mm apart
• Wide Field of View: 148 x 136
• Standard 4-pin metal TO-5 package
• Wide operating voltage range of 1.8V to 5.5V
• 3µA operating current
• Operating temperature range of -40C to +80C
1.2
Applications
• Video Doorbell
• IP Camera
• HVAC Control
• Home Appliances
• Lighting Control
• Proximity Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com