Electronic Components Datasheet Search
  English  ▼

X  

LT1220CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1220CS8
Description  45MHz, 250V/ms Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1220CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1220CS8 Datasheet HTML 4Page - Linear Technology LT1220CS8 Datasheet HTML 5Page - Linear Technology LT1220CS8 Datasheet HTML 6Page - Linear Technology LT1220CS8 Datasheet HTML 7Page - Linear Technology LT1220CS8 Datasheet HTML 8Page - Linear Technology LT1220CS8 Datasheet HTML 9Page - Linear Technology LT1220CS8 Datasheet HTML 10Page - Linear Technology LT1220CS8 Datasheet HTML 11Page - Linear Technology LT1220CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1220
© LINEAR TECHNOLOGY CORPORATION 1991
TYPICAL APPLICATIONS N
LT1220 • TA03
1k
+
–
VIN
OUT
V
1k
75
Ω
75
Ω
75
Ω CABLE
LT1220
Cable Driver
DAC Current-to-Voltage Converter
–
+
LT1220
VOUT
LT1220 • TA05
22pF
1.1k
2.21k
1.1k
470pF
–
+
LT1220
47pF
909
Ω
909
Ω
2.67k
220pF
VIN
1MHz, 4th Order Butterworth Filter
LT1220 • TA04
+
–
VOUT
5k
LT1220
5pF
565A TYPE
DAC
INPUTS
12
VOS + IOS (5kΩ) +
< 1/2LSB
VOUT
AVOL
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
1220fb LT/CP 0801 1.5K REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1221
150MHz, 250V/
µs Amplifier
AV ≥ 4 Version of the LT1220
LT1222
500MHz, 200V/
µs Amplifier
AV ≥ 10 Version of the LT1220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com