Electronic Components Datasheet Search
  English  ▼

X  

LT1220CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1220CS8
Description  45MHz, 250V/ms Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1220CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1220CS8 Datasheet HTML 2Page - Linear Technology LT1220CS8 Datasheet HTML 3Page - Linear Technology LT1220CS8 Datasheet HTML 4Page - Linear Technology LT1220CS8 Datasheet HTML 5Page - Linear Technology LT1220CS8 Datasheet HTML 6Page - Linear Technology LT1220CS8 Datasheet HTML 7Page - Linear Technology LT1220CS8 Datasheet HTML 8Page - Linear Technology LT1220CS8 Datasheet HTML 9Page - Linear Technology LT1220CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1220
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal, AV = 1
Small Signal, AV = 1
RG = 0
VS = ±15V
VIN = 100mV
f = 5MHz
LT1220 • TPC19
RG = 0
VS = ±15V
VIN = 20V
f = 2MHz
LT1220 • TPC20
Large Signal, AV = 1,
CL = 10,000pF
LT1220 • TPC21
VIN = 10V
f = 20kHz
RG = 0
VS = ±15V
Small Signal, AV = – 1
RF = RG = 1k
VS = ±15V
VIN = 100mV
f = 5MHz
LT1220 • TPC22
RF = RG = 1k
VS = ±15V
VIN = 20V
f = 2MHz
LT1220 • TPC23
LT1220 • TPC24
VIN = 200mV
f = 200kHz
RF = RG = 1k
VS = ±15V
Large Signal, AV = – 1
Small Signal, AV = – 1,
CL = 1,000pF
APPLICATIONS INFORMATION
The LT1220 may be inserted directly into HA2505/15/25,
HA2541/2/4, AD817, AD847, EL2020, EL2044 and LM6361
applications, provided that the nulling circuitry is removed.
The suggested nulling circuit for the LT1220 is shown in
the following figure.
Layout and Passive Components
The LT1220 amplifier is easy to apply and tolerant of less
than ideal layouts. For maximum performance (for ex-
ample, fast settling time) use a ground plane, short lead
lengths and RF-quality bypass capacitors (0.01
µFto0.1µF).
For high driver current applications use low ESR bypass
capacitors (1
µF to 10µF tantalum). Sockets should be
avoided when maximum frequency performance is re-
quired, although low profile sockets can provide reason-
able performance up to 50MHz. For more details see
Design Note 50. Feedback resistors greater than 5k are not
recommended because a pole is formed with the input
capacitance which can cause peaking or oscillations.
Offset Nulling
LT1220 • AI01
V+
V–
0.1
µF
0.1
µF
5k
3
2
4
7
6
8
1
LT1220
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com