Electronic Components Datasheet Search
  English  ▼

X  

LT1228 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 1 Page - Linear Technology

  LT1228 Datasheet HTML 1Page - Linear Technology LT1228 Datasheet HTML 2Page - Linear Technology LT1228 Datasheet HTML 3Page - Linear Technology LT1228 Datasheet HTML 4Page - Linear Technology LT1228 Datasheet HTML 5Page - Linear Technology LT1228 Datasheet HTML 6Page - Linear Technology LT1228 Datasheet HTML 7Page - Linear Technology LT1228 Datasheet HTML 8Page - Linear Technology LT1228 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1228
1228fc
■ Video DC Restore (Clamp) Circuits
■ Video Differential Input Amplifiers
■
Video Keyer/Fader Amplifiers
■ AGC Amplifiers
■ Tunable Filters
■
Oscillators
100MHz Current Feedback
Amplifier with DC Gain Control
■ Very Fast Transconductance Amplifier
Bandwidth: 75MHz
gm = 10 × ISET
Low THD: 0.2% at 30mVRMS Input
Wide ISET Range: 1µA to 1mA
■ Very Fast Current Feedback Amplifier
Bandwidth: 100MHz
Slew Rate: 1000V/
µs
Output Drive Current: 30mA
Differential Gain: 0.04%
Differential Phase: 0.1
°
High Input Impedance: 25M
Ω, 6pF
■ Wide Supply Range:
±2V to ±15V
■ Inputs Common Mode to Within 1.5V of Supplies
■ Outputs Swing Within 0.8V of Supplies
■ Supply Current: 7mA
■ Available in 8-Lead PDIP and SOIC Packages
The LT
®1228 makes it easy to electronically control the
gain of signals from DC to video frequencies. The LT1228
implements gain control with a transconductance ampli-
fier (voltage to current) whose gain is proportional to an
externally controlled current. A resistor is typically used to
convert the output current to a voltage, which is then
amplified with a current feedback amplifier. The LT1228
combines both amplifiers into an 8-pin package, and
operates on any supply voltage from 4V (
±2V) to 30V
(
±15V). A complete differential input, gain controlled
amplifier can be implemented with the LT1228 and just a
few resistors.
The LT1228 transconductance amplifier has a high imped-
ance differential input and a current source output with wide
output voltage compliance. The transconductance, gm, is
set by the current that flows into Pin 5, ISET. The small signal
gm is equal to ten times the value of ISETand this relationship
holds over several decades of set current. The voltage at Pin
5 is two diode drops above the negative supply, Pin 4.
The LT1228 current feedback amplifier has very high input
impedance and therefore it is an excellent buffer for the
output of the transconductance amplifier. The current feed-
back amplifier maintains its wide bandwidth over a wide
range of voltage gains making it easy to interface the
transconductance amplifier output to other circuitry. The
current feedback amplifier is designed to drive low imped-
ance loads, such as cables, with excellent linearity at high
frequencies.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Frequency Response
FREQUENCY (Hz)
100k
–24
–15
–3
3
6
1M
10M
100M
LT1228 • TA02
0
–6
–9
–12
–18
–21
ISET = 100µA
VS = ±15V
RL = 100Ω
ISET = 1mA
ISET = 300µA
LT1228 • TA01
–
+
–
+
+
R3A
10k
R2A
10k
R3
100
Ω
R2
100
Ω
4.7
µF
R4
1.24k
R6
6.19k
R5
10k
ISET
R1
270
Ω
RG
10
Ω
RF
470
Ω
4.7
µF
15V
gm
CFA
VOUT
1
8
6
3
2
7
5
4
–15V
+
–
VIN
HIGH INPUT RESISTANCE
EVEN WHEN POWER IS OFF
–18dB
< GAIN < 2dB
VIN ≤ 3VRMS
Differential Input Variable Gain Amp
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1228 LINER-LT1228 Datasheet
435Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228 Datasheet
666Kb / 22P
100MHz Current Feedback
LT1228 LINER-LT1228 Datasheet
670Kb / 22P
100MHz Current Feedback Amplifier with DC Gain Control
LT1228C LINER-LT1228C Datasheet
435Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
LT1228CJ8 LINER-LT1228CJ8 Datasheet
435Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
More results

Similar Description - LT1228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
January 1999
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
LT1228 LINER-LT1228 Datasheet
435Kb / 20P
100MHz Current Feedback Amplifier with DC Gain Control
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
100MHz Current Feedback Amplifier
January 1996
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Linear Technology
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_15 Datasheet
670Kb / 22P
100MHz Current Feedback Amplifier with DC Gain Control
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com