Electronic Components Datasheet Search
  English  ▼

X  

LT1228 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1228 Datasheet HTML 12Page - Linear Technology LT1228 Datasheet HTML 13Page - Linear Technology LT1228 Datasheet HTML 14Page - Linear Technology LT1228 Datasheet HTML 15Page - Linear Technology LT1228 Datasheet HTML 16Page - Linear Technology LT1228 Datasheet HTML 17Page - Linear Technology LT1228 Datasheet HTML 18Page - Linear Technology LT1228 Datasheet HTML 19Page - Linear Technology LT1228 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LT1228
1228fc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO
J8 Package
8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
S8 Package
8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
OBSOLETE PACKAGE
J8 0801
.014 – .026
(0.360 – 0.660)
.200
(5.080)
MAX
.015 – .060
(0.381 – 1.524)
.125
3.175
MIN
.100
(2.54)
BSC
.300 BSC
(7.62 BSC)
.008 – .018
(0.203 – 0.457)
0
° – 15°
.005
(0.127)
MIN
.405
(10.287)
MAX
.220 – .310
(5.588 – 7.874)
12
3
4
87
65
.025
(0.635)
RAD TYP
.045 – .068
(1.143 – 1.650)
FULL LEAD
OPTION
.023 – .045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
.045 – .065
(1.143 – 1.651)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
N8 1002
.065
(1.651)
TYP
.045 – .065
(1.143 – 1.651)
.130
± .005
(3.302
± 0.127)
.020
(0.508)
MIN
.018
± .003
(0.457
± 0.076)
.120
(3.048)
MIN
12
3
4
87
6
5
.255
± .015*
(6.477
± 0.381)
.400*
(10.160)
MAX
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
.008 – .010
(0.203 – 0.254)
SO8 0303
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
1
2
3
4
.150 – .157
(3.810 – 3.988)
NOTE 3
8
7
6
5
.189 – .197
(4.801 – 5.004)
NOTE 3
.228 – .244
(5.791 – 6.197)
.245
MIN
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS
SHALL NOT EXCEED .006" (0.15mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com