Electronic Components Datasheet Search
  English  ▼

X  

LT5518 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5518
Description  1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5518 Datasheet(HTML) 1 Page - Linear Technology

  LT5518 Datasheet HTML 1Page - Linear Technology LT5518 Datasheet HTML 2Page - Linear Technology LT5518 Datasheet HTML 3Page - Linear Technology LT5518 Datasheet HTML 4Page - Linear Technology LT5518 Datasheet HTML 5Page - Linear Technology LT5518 Datasheet HTML 6Page - Linear Technology LT5518 Datasheet HTML 7Page - Linear Technology LT5518 Datasheet HTML 8Page - Linear Technology LT5518 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT5518
1
5518f
■
High Input Impedance Version of the LT5528
■
Direct Conversion to 1.5GHz – 2.4GHz
■
High OIP3: 22.8dBm at 2GHz
■
Low Output Noise Floor at 20MHz Offset:
No RF: – 158.2dBm/Hz
POUT = 4dBm: –152.5dBm/Hz
■
4-Ch W-CDMA ACPR: – 64dBc at 2.14GHz
■
Integrated LO Buffer and LO Quadrature Phase
Generator
■
50Ω AC-Coupled Single-Ended LO and RF Ports
■
Low Carrier Leakage: – 49dBm at 2GHz
■
High Image Rejection: 40dB at 2GHz
■
16-Lead QFN 4mm × 4mm Package
■
Infrastructure Tx for DCS, PCS and UMTS Bands
■
Image Reject Up-Converters for DCS, PCS and UMTS
Bands
■
Low Noise Variable Phase-Shifter for 1.5GHz to
2.4GHz Local Oscillator Signals
1.5GHz–2.4GHz
High Linearity Direct
Quadrature Modulator
The LT®5518 is a direct I/Q modulator designed for high
performance wireless applications, including wireless
infrastructure. It allows direct modulation of an RF signal
using differential baseband I and Q signals. It supports PHS,
GSM, EDGE, TD-SCDMA, CDMA, CDMA2000, W-CDMA
and other systems. It may also be configured as an image
reject up-converting mixer, by applying 90° phase-shifted
signals to the I and Q inputs. The high impedance I/Q
baseband inputs consist of voltage-to-current converters
that in turn drive double-balanced mixers. The outputs of
these mixers are summed and applied to an on-chip RF
transformer, which converts the differential mixer signals
to a 50Ω single-ended output. The balanced I and Q
baseband input ports are intended for DC coupling from a
source with a common mode voltage level of about 2.1V.
The LO path consists of an LO buffer with single-ended
input, and precision quadrature generators that produce
the LO drive for the mixers. The supply voltage range is
4.5V to 5.25V.
1.5GHz to 2.4GHz Direct Conversion Transmitter Application
with LO Feedthrough and Image Calibration Loop
RF OUTPUT POWER PER CARRIER (dBm)
–34
–30
–26
–22
–18
–14
–10
–65
–60
–55
5518 TA01b
–70
–75
–85
–80
–145
–140
–135
–150
–155
–165
–160
4-CH ACPR
4-CH NOISE
1-CH NOISE
4-CH ALTCPR
1-CH ALTCPR
1-CH ACPR
DOWNLINK TEST MODEL 64 DPCH
90
°
0
°
LT5518
BASEBAND
GENERATOR
CAL
LO FEEDTHROUGH
CAL OUT
IMAGE CAL OUT
PA
VCO/SYNTHESIZER
RF = 1.5GHz
TO 2.4GHz
EN
2, 4, 6, 9, 10, 12, 15, 17
100nF
×2
5V
V-I
V-I
I-CHANNEL
Q-CHANNEL
BALUN
14
16
1
7
5
8, 13
VCC
11
3
5518 TA01a
I-DAC
Q-DAC
ADC
W-CDMA ACPR, AltCPR and Noise vs RF Output
Power at 2140MHz for 1 and 4 Channels
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT5518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5518 LINER-LT5518 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571 Datasheet
319Kb / 16P
620MHz - 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5568 LINER-LT5568_15 Datasheet
334Kb / 16P
700MHz ??1050MHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
620MHz ??1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com