Electronic Components Datasheet Search
  English  ▼

X  

LT5518 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5518
Description  1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5518 Datasheet(HTML) 3 Page - Linear Technology

  LT5518 Datasheet HTML 1Page - Linear Technology LT5518 Datasheet HTML 2Page - Linear Technology LT5518 Datasheet HTML 3Page - Linear Technology LT5518 Datasheet HTML 4Page - Linear Technology LT5518 Datasheet HTML 5Page - Linear Technology LT5518 Datasheet HTML 6Page - Linear Technology LT5518 Datasheet HTML 7Page - Linear Technology LT5518 Datasheet HTML 8Page - Linear Technology LT5518 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5518
3
5518f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications over the – 40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 3: Tests are performed as shown in the configuration of Figure 8.
Note 4: On each of the four baseband inputs BBPI, BBMI, BBPQ and
BBMQ.
Note 5: V(BBPI) – V(BBMI) = 1VDC, V(BBPQ) – V(BBMQ) = 1VDC.
Note 6: Maximum value within –1dB bandwidth.
Note 7: An external coupling capacitor is used in the RF output line.
Note 8: At 20MHz offset from the LO signal frequency.
Note 9: At 20MHz offset from the CW signal frequency.
Note 10: At 5MHz offset from the CW signal frequency.
Note 11: RF power is within 10% of final value.
Note 12: RF power is at least 30dB lower than in the ON state.
Note 13: Baseband is driven by 2MHz and 2.1MHz tones. Drive level is set
in such a way that the two resulting RF output tones are –10dBm each.
Note 14: IM2 measured at LO frequency + 4.1MHz.
Note 15: IM3 measured at LO frequency + 1.9MHz and LO frequency +
2.2MHz.
Note 16: Amplitude average of the characterization data set without image
or LO feedthrough nulling (unadjusted).
Note 17: The difference in conversion gain between the spurious signal at
f = 3 • LO – BB versus the conversion gain at the desired signal at f = LO +
BB for BB = 2MHz and LO = 2GHz.
Note 18: Common mode current range where the common mode (CM)
feedback loop biases the part properly. The common mode current is the
sum of the current flowing into the BBPI (or BBPQ) pin and the current
flowing into the BBMI (or BBMQ) pin.
VCC = 5V, EN = High, TA = 25°C, fLO = 2GHz, fRF = 2.002GHz, PLO = 0dBm.
BBPI, BBMI, BBPQ, BBMQ inputs 2.06VDC, Baseband Input Frequency = 2MHz, I and Q 90° shifted (upper sideband selection).
PRF, OUT = –10dBm, unless otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Baseband Inputs (BBPI, BBMI, BBPQ, BBMQ)
BWBB
Baseband Bandwidth
– 3dB Bandwidth
400
MHz
VCMBB
DC Common Mode Voltage
(Note 4)
2.06
V
RIN, DIFF
Differential Input Resistance
Between BBPI and BBMI (or BBPQ and BBMQ)
2.9
kΩ
RIN, CM
Common Mode Input Resistance
BBPX and BBMX Shorted Together
105
Ω
ICM, COMP
Common Mode Compliance Current Range BBPX and BBMX Shorted Together (Note 18)
– 730 to 480
µA
PLO2BB
Carrier Feedthrough on BB
POUT = 0 (Note 4)
– 40
dBm
IP1dB
Input 1dB Compression Point
Differential Peak-to-Peak (Note 7)
2.7
VP-P, DIFF
ΔGI/Q
I/Q Absolute Gain Imbalance
0.06
dB
ΔφI/Q
I/Q Absolute Phase Imbalance
1
deg
Power Supply (VCC)
VCC
Supply Voltage
4.5
5
5.25
V
ICC, ON
Supply Current
EN = High
128
145
mA
ICC, OFF
Supply Current, Sleep Mode
EN = 0V
0.05
50
µA
tON
Turn-On Time
EN = Low to High (Note 11)
0.2
µs
tOFF
Turn-Off Time
EN = High to Low (Note 12)
1.3
µs
Enable (EN), Low = Off, High = On
Enable
Input High Voltage
EN = High
1.0
V
Input High Current
EN = 5V
240
µA
Sleep
Input Low Voltage
EN = Low
0.5
V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com