Electronic Components Datasheet Search
  English  ▼

X  

LTC2487CDEPBF Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2487CDEPBF
Description  16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2487CDEPBF Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2487CDEPBF Datasheet HTML 24Page - Linear Technology LTC2487CDEPBF Datasheet HTML 25Page - Linear Technology LTC2487CDEPBF Datasheet HTML 26Page - Linear Technology LTC2487CDEPBF Datasheet HTML 27Page - Linear Technology LTC2487CDEPBF Datasheet HTML 28Page - Linear Technology LTC2487CDEPBF Datasheet HTML 29Page - Linear Technology LTC2487CDEPBF Datasheet HTML 30Page - Linear Technology LTC2487CDEPBF Datasheet HTML 31Page - Linear Technology LTC2487CDEPBF Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2487

2487fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
 LINEAR TECHNOLOGY CORPORATION 2007
LT/CGRAFX 0407 REV A • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/°C Max Drift
LT1790
Micropower SOT-23 Low Dropout Reference Family
0.05% Max Initial Accuracy, 10ppm/°C Max Drift
LTC2400
24-Bit, No Latency
DS ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200µA
LTC2410
24-Bit, No Latency
DS ADC with Differential Inputs
0.8µVRMS Noise, 2ppm INL
LTC2440
24-Bit, High Speed, Low Noise
DS ADC
3.5kHz Output Rate, 200nV Noise, 24.6 ENOBs
LTC2442
24-Bit, High Speed, 2-/4-Channel
DS ADC with Integrated
Amplifier
8kHz Output Rate, 200nV Noise, Simultaneous 50Hz/60Hz
Rejection
LTC2449
24-Bit, High Speed, 8-/16-Channel
DS ADC
8kHz Output Rate, 200nV Noise, Simultaneous 50Hz/60Hz
Rejection
LTC2480/LTC2482/
LTC2484
16-/24-Bit
DS ADCs with Easy Drive Inputs, 600nV Noise,
Programmable Gain, and Temperature Sensor
Pin Compatible 16-Bit and 24-Bit Versions
LTC2481/LTC2483/
LTC2485
16-/24-Bit
DS ADCs with Easy Drive Inputs, 600nV Noise,
I2C Interface, Programmable Gain, and Temperature Sensor
Pin Compatible 16-Bit and 24-Bit Versions
LTC2486/LTC2488/
LTC2492
16-Bit/24-Bit 2-/4-Channel
DS ADC with Easy Drive Inputs, SPI
Interface, Programmable Gain, and Temperature Sensor
Pin-Compatible 16-Bit and 24-Bit Versions
LTC2489
16-Bit 2-/4-Channel
DS ADC with Easy Drive Inputs and
I2C Interface
Pin Compatible with LTC2487/LTC2493
LTC2493
24-Bit 2-/4-Channel
DS ADC with Easy Drive Inputs and
I2C Interface
Pin Compatible with LTC2487/LTC2489
LTC2495/LTC2497/
LTC2499
16-Bit/24-Bit 8-/16-Channel
DS ADC with Easy Drive Inputs and
I2C Interface, Programmable Gain, and Temperature Sensor
Pin-Compatible 16-Bit and 24-Bit Versions
LTC2496/LTC2498
16-/24-Bit 8-/16-Channel
DS ADC with Easy Drive Inputs and
SPI Interface
Pin Compatible with LTC2449/LTC2494
Figure 37. Easy Drive ADCs Simplify Measurement of High Impedance Sensors
VCC
FO
SCL
SDA
GND
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2487
2-WIRE
I2C INTERFACE
9-PIN SELECTABLE
ADDRESSES
2487 F37
CA0
12
1
REF+
13
REF–
14
CH0
8
CH1
9
CH2
10
CH3
11
COM
7
4
2
6
3
5
5V
0.1
µF
10
µF
CA1
IIN+ = 0
IIN– = 0
C4
0.1
µF
C3
0.1
µF
–
+
102k
5V
5V
LT1494
0.1
µF
0.1
µF
0.1
µF
1k
1k
10k TO 100k
1.7k
5V
R1
51.1k
R4
51.1k
R3
10k TO 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com