Electronic Components Datasheet Search
  English  ▼

X  

LTC2487CDEPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2487CDEPBF
Description  16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2487CDEPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2487CDEPBF Datasheet HTML 1Page - Linear Technology LTC2487CDEPBF Datasheet HTML 2Page - Linear Technology LTC2487CDEPBF Datasheet HTML 3Page - Linear Technology LTC2487CDEPBF Datasheet HTML 4Page - Linear Technology LTC2487CDEPBF Datasheet HTML 5Page - Linear Technology LTC2487CDEPBF Datasheet HTML 6Page - Linear Technology LTC2487CDEPBF Datasheet HTML 7Page - Linear Technology LTC2487CDEPBF Datasheet HTML 8Page - Linear Technology LTC2487CDEPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2487

2487fa
i2c inpuTs anD DigiTal ouTpuTs The
●
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
analog inpuT anD reFerence The
●
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
(IN+ Corresponds to the Selected Positive Input Channel)
GND – 0.3V
VCC + 0.3V
V
IN–
Absolute/Common Mode IN– Voltage
(IN– Corresponds to the Selected Negative Input Channel)
GND – 0.3V
VCC + 0.3V
V
VIN
Input Differential Voltage Range (IN+ – IN–)
●
–FS
+FS
V
FS
Full Scale of the Differential Input (IN+ – IN–)
●
0.5VREF/Gain
V
LSB
Least Significant Bit of the Output Code
●
FS/216
REF+
Absolute/Common Mode REF+ Voltage
●
0.1
VCC
V
REF–
Absolute/Common Mode REF– Voltage
●
GND
REF+ – 0.1V
V
VREF
Reference Voltage Range (REF+ – REF–)
●
0.1
VCC
V
CS(IN+)
IN+ Sampling Capacitance
11
pF
CS(IN–)
IN– Sampling Capacitance
11
pF
CS(VREF)
VREF Sampling Capacitance
11
pF
IDC_LEAK(IN+)
IN+ DC Leakage Current
Sleep Mode, IN+ = GND
●
–10
1
10
nA
IDC_LEAK(IN–)
IN– DC Leakage Current
Sleep Mode, IN– = GND
●
–10
1
10
nA
IDC_LEAK(REF+) REF+ DC Leakage Current
Sleep Mode, REF+ = VCC
●
–100
1
100
nA
IDC_LEAK(REF–) REF– DC Leakage Current
Sleep Mode, REF– = GND
●
–100
1
100
nA
tOPEN
MUX Break-Before-Make
50
ns
QIRR
MUX Off Isolation
VIN = 2VP-P DC to 1.8MHz
120
dB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
●
0.7VCC
V
VIL
Low Level Input Voltage
●
0.3VCC
V
VIHA
Low Level Input Voltage for Address Pins CA0, CA1
●
0.05VCC
V
VILA
High Level Input Voltage for Address Pins CA0, CA1
●
0.95VCC
V
RINH
Resistance from CA0, CA1 to VCC to Set Chip Address
Bit to 1
●
10
k
W
RINL
Resistance from CA0, CA1 to GND to Set Chip Address
Bit to 0
●
10
k
W
RINF
Resistance from CA0, CA1 to GND or VCC to Set Chip
Address Bit to Float
●
2
M
W
II
Digital Input Current
●
–10
10
µA
VHYS
Hysteresis of Schmitt Trigger Inputs
(Note 5)
●
0.05VCC
V
VOL
Low Level Output Voltage (SDA)
I = 3mA
●
0.4
V
tOF
Output Fall Time VIH(MIN) to VIL(MAX)
Bus Load CB 10pF to
400pF (Note 14)
●
20 + 0.1CB
250
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ VCC
●
1
µA
CCAX
External Capacitative Load on Chip Address Pins (CA0, CA1)
for Valid Float
●
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com