Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC170DB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC170DB
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC170DB Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LBC170DB Datasheet HTML 6Page - Texas Instruments SN75LBC170DB Datasheet HTML 7Page - Texas Instruments SN75LBC170DB Datasheet HTML 8Page - Texas Instruments SN75LBC170DB Datasheet HTML 9Page - Texas Instruments SN75LBC170DB Datasheet HTML 10Page - Texas Instruments SN75LBC170DB Datasheet HTML 11Page - Texas Instruments SN75LBC170DB Datasheet HTML 12Page - Texas Instruments SN75LBC170DB Datasheet HTML 13Page - Texas Instruments SN75LBC170DB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459C − NOVEMBER 2000 − REVISED MARCH 2005
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
0
0.5
1
1.5
2
2.5
3
3.5
4
0
204060
80
100
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
Figure 14
0
0.5
1
1.5
2
2.5
−60
−40
−20
0
20
40
60
80
100
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
DIFFERENTIAL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Figure 15
4
5
6
7
8
9
10
11
12
−40
−20
0
20
40
60
80
SCSI Load
RS−485 Load
TA − Free-Air Temperature − °C
DRIVER PROPAGATION DELAY
vs
FREE-AIR TEMPERATURE
Figure 16
135
140
145
150
155
160
165
0.1
1
10
100
Signaling Rate − Mbps
SUPPLY CURRENT
vs
SIGNALING RATE
All 3 Channels Driving
RL = 54 Ω,
CL = 50 pF (Each Channel),
Pseudorandom NRZ Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com