Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC170DB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC170DB
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC170DB Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LBC170DB Datasheet HTML 7Page - Texas Instruments SN75LBC170DB Datasheet HTML 8Page - Texas Instruments SN75LBC170DB Datasheet HTML 9Page - Texas Instruments SN75LBC170DB Datasheet HTML 10Page - Texas Instruments SN75LBC170DB Datasheet HTML 11Page - Texas Instruments SN75LBC170DB Datasheet HTML 12Page - Texas Instruments SN75LBC170DB Datasheet HTML 13Page - Texas Instruments SN75LBC170DB Datasheet HTML 14Page - Texas Instruments SN75LBC170DB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459C − NOVEMBER 2000 − REVISED MARCH 2005
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
−600
−400
−200
0
200
400
600
800
−10
−5
0
5
10
15
VCC = 0 V
VCC = 5 V
Bus Input Voltage − V
BUS INPUT CURRENT
vs
BUS INPUT VOLTAGE
Figure 18
4
5
6
7
8
9
10
11
12
−40
−20
0
20
40
60
80
tPLH
tPHL
RECEIVER PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature°C
Signal
Generator
SN65LBC170
(as Driver)
100
Ω
15 pF
SN65LBC170
(as Receiver)
15 Meters, Cat. 5
Twisted-Pair Cable
Figure 19. Circuit Diagram for Signaling Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com