Electronic Components Datasheet Search
  English  ▼

X  

CLMVC-FKC Datasheet(PDF) 4 Page - Cree LED

Part # CLMVC-FKC
Description  CLMVC-FKC: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLMVC-FKC Datasheet(HTML) 4 Page - Cree LED

  CLMVC-FKC Datasheet HTML 1Page - Cree LED CLMVC-FKC Datasheet HTML 2Page - Cree LED CLMVC-FKC Datasheet HTML 3Page - Cree LED CLMVC-FKC Datasheet HTML 4Page - Cree LED CLMVC-FKC Datasheet HTML 5Page - Cree LED CLMVC-FKC Datasheet HTML 6Page - Cree LED CLMVC-FKC Datasheet HTML 7Page - Cree LED CLMVC-FKC Datasheet HTML 8Page - Cree LED CLMVC-FKC Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CLMVC-FKC: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1402
REV 4
4
ORDER CODE TABLE
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.(nm)
Color
Bin
Max.
(nm)
CLMVC-FKC-CGJJM569aBB7a343
Red
280
560
RB
619
RB
624
Reel
Green
450
900
G7
520
Ga
540
Reel
Blue
101
202
B3
460
B4
470
Reel
CLMVC-FKC-CG1J1561BB7D3S3
Red
Any 1 Intensity bin from
G(280) - J(560)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from
J(450) - M(900)
Any 1 hue bin from G7(520)-Ga(540)
Reel
Blue
Any 1 Intensity bin from
56(101) - 9a(202)
Any 1 hue bin from B3(460)-B4(470)
Reel
CLMVC-FKC-CH1K1781BB7D3S3
Red
Any 1 Intensity bin from
H(355) - J(560)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from
K(560) - M(900)
Any 1 hue bin from G7(520)-Ga(540)
Reel
Blue
Any 1 Intensity bin from
78(126) - 9a(202)
Any 1 hue bin from B3(460)-B4(470)
Reel
Notes:
•
The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin
code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable.
•
Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions.
•
Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com