Electronic Components Datasheet Search
  English  ▼

X  

CLMVC-FKC Datasheet(PDF) 8 Page - Cree LED

Part # CLMVC-FKC
Description  CLMVC-FKC: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLMVC-FKC Datasheet(HTML) 8 Page - Cree LED

Back Button CLMVC-FKC Datasheet HTML 2Page - Cree LED CLMVC-FKC Datasheet HTML 3Page - Cree LED CLMVC-FKC Datasheet HTML 4Page - Cree LED CLMVC-FKC Datasheet HTML 5Page - Cree LED CLMVC-FKC Datasheet HTML 6Page - Cree LED CLMVC-FKC Datasheet HTML 7Page - Cree LED CLMVC-FKC Datasheet HTML 8Page - Cree LED CLMVC-FKC Datasheet HTML 9Page - Cree LED CLMVC-FKC Datasheet HTML 10Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CLMVC-FKC: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1402
REV 4
8
KIT NUMBER SYSTEM
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner:
C C C C C – D X G – X H H J J K K L L M M N N T
C C C C C – Product Series
D – Color
G – Option
S : Standoff
N : No Standoff
B : Black Face
W : White Face
A : Black Body
C : Black Face and Black Side Wall
T – Packaging Type
1 : Bulk Pack
2 : Ammo Pack
3 : Tape & Reel (Roll Pack)
4 : Tube Pack
H – Red Color Min. Intensity Range
H – Red Color Max. Intensity Range
J – Green Color Min. Intensity Range
J – Green Color Max. Intensity Range
K – Blue Color Min. Intensity Range
K – Blue Color Max. Intensity Range
N – Blue Color Max. Wavelength Range
N – Blue Color Min. Wavelength Range
M – Green Color Max. Wavelength Range
M – Green Color Min. Wavelength Range
L – Red Color Max. Wavelength Range
L – Red Color Min. Wavelength Range



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com