Electronic Components Datasheet Search
  English  ▼

X  

LTC2489 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2489
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2489 Datasheet HTML 3Page - Linear Technology LTC2489 Datasheet HTML 4Page - Linear Technology LTC2489 Datasheet HTML 5Page - Linear Technology LTC2489 Datasheet HTML 6Page - Linear Technology LTC2489 Datasheet HTML 7Page - Linear Technology LTC2489 Datasheet HTML 8Page - Linear Technology LTC2489 Datasheet HTML 9Page - Linear Technology LTC2489 Datasheet HTML 10Page - Linear Technology LTC2489 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2489
7
2489f
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
123
4
2489 G10
5
VCC = 5V
REF – = GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
TEMPERATURE (
°C)
–45 –30
300
304
310
–15
30
45
2489 G11
302
308
306
15
0
60
75
90
VCC = 4.1V
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
300
302
304
306
308
310
3.0
3.5
4.0
4.5
2489 G12
5.0
5.5
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
FO = GND
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Error vs VREF
On-Chip Oscillator Frequency
vs Temperature
On-Chip Oscillator Frequency
vs VCC
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
2489 G13
10
100
10k
1M
VCC = 4.1V DC ±0.7V
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–140
–120
–80
–60
–40
0
20
100
140
2489 G14
–100
–20
80
180
220
200
40 60
120
160
VCC = 4.1V DC ±1.4V
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
30600
–60
–40
0
30750
2489 G15
–80
–100
30650
30700
30800
–120
–140
–20
VCC = 4.1V DC ±0.7V
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–45
100
120
160
180
200
–15
15
30
90
2489 G16
140
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
FO = GND
TEMPERATURE (
°C)
–45
0
0.2
0.6
0.8
1.0
2.0
1.4
–15
15
30
90
2489 G17
0.4
1.6
1.8
1.2
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
FO = GND
OUTPUT DATA RATE (READINGS/SEC)
0
500
450
400
350
300
250
200
150
100
80
2489 G18
20
40
60
100
70
10
30
50
90
VCC = 5V
VCC = 3V
VREF = VCC
IN+ = GND
IN– = GND
TA = 25°C
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
Conversion Current
vs Temperature
Sleep Mode Current
vs Temperature
Conversion Current
vs Output Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com