Electronic Components Datasheet Search
  English  ▼

X  

LTC2489 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2489
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2489 Datasheet HTML 16Page - Linear Technology LTC2489 Datasheet HTML 17Page - Linear Technology LTC2489 Datasheet HTML 18Page - Linear Technology LTC2489 Datasheet HTML 19Page - Linear Technology LTC2489 Datasheet HTML 20Page - Linear Technology LTC2489 Datasheet HTML 21Page - Linear Technology LTC2489 Datasheet HTML 22Page - Linear Technology LTC2489 Datasheet HTML 23Page - Linear Technology LTC2489 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC2489
22
2489f
Easy Drive ADCs Simplify Measurement of High
Impedance Sensors
Delta-Sigma ADCs, with their high accuracy and high noise
immunity, are ideal for directly measuring many types
of sensors. Nevertheless, input sampling currents can
overwhelm high source impedances or low-bandwidth,
micropower signal conditioning circuits. The LTC2489
solves this problem by balancing the input currents, thus
simplifying or eliminating the need for signal conditioning
circuits.
A common application for a delta-sigma ADC is thermistor
measurement. Figure 27 shows two examples of thermistor
digitization benefiting from the Easy Drive technology.
The first circuit (applied to input channels CH0 and CH1)
uses balanced reference resistors in order to balance the
common mode input/reference voltage and balance the
differential input source resistance. If reference resistors
R1 and R4 are exactly equal, the input current is zero and
no errors result. If these resistors have a 1% tolerance,
the maximum error in measured resistance is 1.6Ω due
to a shift in common mode voltage; far less than the 1%
error of the reference resistors themselves. No amplifier
is required, making this an ideal solution in micropower
applications.
Easy Drive also enables very low power, low bandwidth
amplifiers to drive the input to the LTC2489. As shown
in Figure 27, CH2 is driven by the LT1494. The LT1494
has excellent DC specs for an amplifier with 1.5μA supply
current (the maximum offset voltage is 150μV and the
open loop gain is 100,000). Its 2kHz bandwidth makes
it unsuitable for driving conventional delta sigma ADCs.
Adding a 1kΩ, 0.1μF filter solves this problem by providing
a charge reservoir that supplies the LTC2489 instantaneous
current, while the 1k resistor isolates the capacitive load
from the LT1494.
Conventional delta sigma ADCs input sampling current
lead to DC errors as a result of incomplete settling in the
external RC network.
The Easy Drive technology cancels the differential input
current. By balancing the negative input (CH3) with a 1kΩ,
0.1μF network errors due to the common mode input
current are cancelled.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com