Electronic Components Datasheet Search
  English  ▼

X  

UT150N06M Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT150N06M
Description  150A, 60V N-CHANNEL ENHANCEMENT MODE TRENCH POWER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT150N06M Datasheet(HTML) 2 Page - Unisonic Technologies

  UT150N06M Datasheet HTML 1Page - Unisonic Technologies UT150N06M Datasheet HTML 2Page - Unisonic Technologies UT150N06M Datasheet HTML 3Page - Unisonic Technologies UT150N06M Datasheet HTML 4Page - Unisonic Technologies UT150N06M Datasheet HTML 5Page - Unisonic Technologies UT150N06M Datasheet HTML 6Page - Unisonic Technologies UT150N06M Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UT150N06M
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R209-474.a
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
9
UT150N06ML-TA3-T
UT150N06MG-TA3-T
TO-220
G D S
-
-
-
-
-
-
Tube
UT150N06ML-TQ2-T
UT150N06MG-TQ2-T
TO-263
G D S
-
-
-
-
-
-
Tube
UT150N06ML-TQ2-R
UT150N06MG-TQ2-R
TO-263
G D S
-
-
-
-
-
-
Tape Reel
UT150N06ML-T8A-R
UT150N06MG-T8A-R
TOLL-8A
G S S S S S S S S Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
TO-220 / TO-263
TOLL-8A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com