Electronic Components Datasheet Search
  English  ▼

X  

UT150N06M Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT150N06M
Description  150A, 60V N-CHANNEL ENHANCEMENT MODE TRENCH POWER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT150N06M Datasheet(HTML) 1 Page - Unisonic Technologies

  UT150N06M Datasheet HTML 1Page - Unisonic Technologies UT150N06M Datasheet HTML 2Page - Unisonic Technologies UT150N06M Datasheet HTML 3Page - Unisonic Technologies UT150N06M Datasheet HTML 4Page - Unisonic Technologies UT150N06M Datasheet HTML 5Page - Unisonic Technologies UT150N06M Datasheet HTML 6Page - Unisonic Technologies UT150N06M Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT150N06M
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2024 Unisonic Technologies Co., Ltd
QW-R209-474.a
150A, 60V N-CHANNEL
ENHANCEMENT MODE
TRENCH POWER MOSFET
DESCRIPTION
The UTC UT150N06M is a N-channel Power MOSFET, it uses
UTC’s advanced technology to provide the customers with low
RDS(ON) characteristic by high cell density trench technology.
The UTC UT150N06M is suitable for high efficiency
synchronous rectification in SMPS, UPS, hard switched and high
frequency circuits.
FEATURES
* RDS(ON) ≤ 3.5 mΩ @ VGS=10V, ID=75A
RDS(ON) ≤ 5.0 mΩ @ VGS=4.5V, ID=50A
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL


Similar Part No. - UT150N06M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT150N03 UTC-UT150N03 Datasheet
262Kb / 7P
150A, 30V N-CHANNEL ENHANCEMENT MODE POWER
UT150N04 UTC-UT150N04 Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N04G-TA3-T UTC-UT150N04G-TA3-T Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
UT150N04L-TA3-T UTC-UT150N04L-TA3-T Datasheet
192Kb / 6P
150A, 40V N-CHANNEL POWER MOSFET
More results

Similar Description - UT150N06M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY150N075T HY-HY150N075T Datasheet
254Kb / 4P
75V / 150A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
50N06 WXDH-50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM3460 AITSEMI-AM3460 Datasheet
270Kb / 4P
60V N-CHANNEL ENHANCEMENT MODE
REV1.1
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com