Electronic Components Datasheet Search
  English  ▼

X  

LCHP Datasheet(PDF) 8 Page - Linear Technology

Part # LCHP
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCHP Datasheet(HTML) 8 Page - Linear Technology

Back Button LCHP Datasheet HTML 4Page - Linear Technology LCHP Datasheet HTML 5Page - Linear Technology LCHP Datasheet HTML 6Page - Linear Technology LCHP Datasheet HTML 7Page - Linear Technology LCHP Datasheet HTML 8Page - Linear Technology LCHP Datasheet HTML 9Page - Linear Technology LCHP Datasheet HTML 10Page - Linear Technology LCHP Datasheet HTML 11Page - Linear Technology LCHP Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT3014B
3014bf
The LT3014B regulator has internal thermal limiting de-
signed to protect the device during overload conditions.
For continuous normal conditions the maximum junction
temperature rating of 125
°C must not be exceeded. It is
important to give careful consideration to all sources of
thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following table lists thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with one ounce
copper.
Table 1. SOT-23 Measured Thermal Resistance
COPPER AREA
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
2500 sq mm
125
°C/W
1000 sq mm
2500 sq mm
2500 sq mm
125
°C/W
225 sq mm
2500 sq mm
2500 sq mm
130
°C/W
100 sq mm
2500 sq mm
2500 sq mm
135
°C/W
50 sq mm
2500 sq mm
2500 sq mm
150
°C/W
Table 2. DFN Measured Thermal Resistance
COPPER AREA
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
2500 sq mm
40
°C/W
1000 sq mm
2500 sq mm
2500 sq mm
45
°C/W
225 sq mm
2500 sq mm
2500 sq mm
50
°C/W
100 sq mm
2500 sq mm
2500 sq mm
62
°C/W
For the DFN package, the thermal resistance junction-to-
case (
θJC),measuredattheexposedpadonthebackofthe
die, is 16
°C/W.
Continuous operation at large input/output voltage differ-
entials and maximum load current is not practical due to
thermal limitations. Transient operation at high input/
output differentials is possible. The approximate thermal
time constant for a 2500sq mm 3/32" FR-4 board with
maximum topside and backside area for one ounce copper
is 3 seconds. This time constant will increase as more
thermal mass is added (i.e. vias, larger board, and other
components).
For an application with transient high power peaks, aver-
age power dissipation can be used for junction tempera-
ture calculations as long as the pulse period is significantly
less than the thermal time constant of the device and
board.
Calculating Junction Temperature
Example 1: Given an output voltage of 5V, an input voltage
range of 24V to 30V, an output current range of 0mA to
20mA, and a maximum ambient temperature of 50
°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX) • (VIN(MAX) – VOUT) + (IGND • VIN(MAX))
where:
IOUT(MAX) = 20mA
VIN(MAX) = 30V
IGND at (IOUT = 20mA, VIN = 30V) = 0.55mA
So:
P = 20mA • (30V – 5V) + (0.55mA • 30V) = 0.52W
The thermal resistance for the DFN package will be in the
range of 40
°C/Wto62°C/Wdependingonthecopperarea.
So the junction temperature rise above ambient will be
approximately equal to:
0.52W • 50
°C/W = 26°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 50°C + 26°C = 76°C
Example 2: Given an output voltage of 5V, an input voltage
of 48V that rises to 72V for 5ms(max) out of every 100ms,
and a 5mA load that steps to 20mA for 50ms out of every
250ms, what is the junction temperature rise above ambi-
ent? Using a 500ms period (well under the time constant
of the board), power dissipation is as follows:
P1(48V in, 5mA load) = 5mA • (48V – 5V)
+ (100
µA • 48V) = 0.22W
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com