Electronic Components Datasheet Search
  English  ▼

X  

LCHP Datasheet(PDF) 12 Page - Linear Technology

Part # LCHP
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCHP Datasheet(HTML) 12 Page - Linear Technology

Back Button LCHP Datasheet HTML 4Page - Linear Technology LCHP Datasheet HTML 5Page - Linear Technology LCHP Datasheet HTML 6Page - Linear Technology LCHP Datasheet HTML 7Page - Linear Technology LCHP Datasheet HTML 8Page - Linear Technology LCHP Datasheet HTML 9Page - Linear Technology LCHP Datasheet HTML 10Page - Linear Technology LCHP Datasheet HTML 11Page - Linear Technology LCHP Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT3014B
3014bf
PART NUMBER
DESCRIPTION
COMMENTS
LT1129
700mA, Micropower, LDO
VIN: 4.2V to 30V, VOUT(MIN) = 3.75V, VDO = 0.4V, IQ = 50µA, ISD = 16µA,
DD, SOT-223, S8, TO220, TSSOP-20 Packages
LT1175
500mA, Micropower Negative LDO
VIN: –20V to –4.3V, VOUT(MIN) = –3.8V, VDO = 0.50V, IQ = 45µA, ISD = 10µA,
DD, SOT-223, S8 Packages
LT1185
3A, Negative LDO
VIN: –35V to –4.2V, VOUT(MIN) = –2.40V, VDO = 0.80V, IQ = 2.5mA, ISD <1µA,
TO220-5 Package
LT1761
100mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 20µA, ISD <1µA,
ThinSOT Package
LT1762
150mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 25µA, ISD <1µA,
MS8 Package
LT1763
500mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 30µA, ISD <1µA,
S8 Package
LT1764/LT1764A 3A, Low Noise, Fast Transient Response, LDO
VIN: 2.7V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD <1µA,
DD, TO220 Packages
LTC1844
150mA, Very Low Dropout LDO
VIN: 1.6V to 6.5V, VOUT(MIN) = 1.25V, VDO = 0.08V, IQ = 40µA, ISD <1µA,
ThinSOT Package
LT1962
300mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.27V, IQ = 30µA, ISD <1µA,
MS8 Package
LT1963/LT1963A 1.5A, Low Noise, Fast Transient Response, LDO
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD <1µA,
DD, TO220, SOT Packages
LT1964
200mA, Low Noise Micropower, Negative LDO
VIN: –1.9V to –20V, VOUT(MIN) = –1.21V, VDO = 0.34V, IQ = 30µA, ISD = 3µA,
ThinSOT Package
LT3010
50mA, 80V, Low Noise Micropower, LDO
VIN: 3V to 80V, VOUT(MIN) = 1.28V, VDO = 0.3V, IQ = 30µA, ISD <1µA,
MS8E Package
LT3020
100mA, Low VIN, Low VOUT Micropower, VLDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.15V, IQ = 120µA, ISD <1µA,
DFN, MS8 Packages
LT3023
Dual 100mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 40µA, ISD <1µA,
DFN, MS10 Packages
LT3024
Dual 100mA/500mA, Low Noise Micropower,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 60µA, ISD <1µA,
LDO
DFN, TSSOP-16E Packages
LT3027
Dual 100mA, Low Noise LDO with Independent
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 40µA, ISD <1µA,
Inputs
DFN, MS10E Packages
LT3028
Dual 100mA/500mA, Low Noise LDO with
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 60µA, ISD <1µA,
Independent Inputs
DFN, TSSOP-16E Packages
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LT 0206 1K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com