Electronic Components Datasheet Search
  English  ▼

X  

AD5676R Datasheet(PDF) 8 Page - Analog Devices

Part # AD5676R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676R Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5676R Datasheet HTML 4Page - Analog Devices AD5676R Datasheet HTML 5Page - Analog Devices AD5676R Datasheet HTML 6Page - Analog Devices AD5676R Datasheet HTML 7Page - Analog Devices AD5676R Datasheet HTML 8Page - Analog Devices AD5676R Datasheet HTML 9Page - Analog Devices AD5676R Datasheet HTML 10Page - Analog Devices AD5676R Datasheet HTML 11Page - Analog Devices AD5676R Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 8 of 32
Figure 2. Serial Write Operation
DAISY-CHAIN AND READBACK TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VINL + VINH)/2. See Figure 4 and
Figure 5. VDD = 2.7 V to 5.5 V, 1.62 V ≤ VLOGIC ≤ 5.5 V. VREF = 2.5 V. All specifications are TJ = −40°C to +125°C, unless otherwise noted.
VDD = 2.7 V to 5.5 V.
Table 6.
1.62V ≤ VLOGIC < 2.7 V
2.7V ≤ VLOGIC ≤ 5.5 V
Parameter
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
130
110
ns
SCLK High Time
t2
33
23
ns
SCLK Low Time
t3
12
7
ns
SYNC to SCLK Falling Edge
t4
80
80
ns
Data Setup Time
t5
2
2
ns
Data Hold Time
t6
2
2
ns
SCLK Falling Edge to SYNC Rising Edge
t7
35
10
ns
Minimum SYNC High Time
t8
55
32
ns
SDO Data Valid from SCLK Rising Edge
t9
130
75
ns
SYNC Rising Edge to SCLK Falling Edge
t10
15
8
ns
SYNC Rising Edge to SDO Disable
t11
218
210
ns
t4
t3
SCLK
SYNC
SDI
t1
t2
t5
t6
t7
t14
t9
t8
DB23
t10
t11
t12
LDAC1
LDAC2
t13
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
RESET
t15
t16
VOUT
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com