Electronic Components Datasheet Search
  English  ▼

X  

AD5676R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5676R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5676R Datasheet HTML 7Page - Analog Devices AD5676R Datasheet HTML 8Page - Analog Devices AD5676R Datasheet HTML 9Page - Analog Devices AD5676R Datasheet HTML 10Page - Analog Devices AD5676R Datasheet HTML 11Page - Analog Devices AD5676R Datasheet HTML 12Page - Analog Devices AD5676R Datasheet HTML 13Page - Analog Devices AD5676R Datasheet HTML 14Page - Analog Devices AD5676R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 6. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT0
Analog Output Voltage from DAC 0. The output amplifier has rail-to-rail operation.
2
VDD
Power Supply Input. These devices operate from 2.7 V to 5.5 V. Decouple the VDD supply with a 10 µF capacitor in parallel with a 0.1
µF capacitor to GND.
3
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, data transfers in on
the falling edges of the next 24 clocks.
4
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data transfers at rates
of up to 50 MHz.
5
SDI
Serial Data Input. The AD5674/AD5674R/AD5679/AD5679R has a 24-bit input shift register. Data is clocked into the register on
the falling edge of the serial clock input.
6
GAIN
Span Set Pin. When this pin is tied to GND, all sixteen DAC outputs have a span from 0 V to VREF. If this pin is tied to VLOGIC, all
sixteen DACs output a span of 0 V to 2 × VREF.
7
VOUT7
Analog Output Voltage from DAC 7. The output amplifier has rail-to-rail operation.
8
VOUT6
Analog Output Voltage from DAC 6. The output amplifier has rail-to-rail operation.
9
VOUT5
Analog Output Voltage from DAC 5. The output amplifier has rail-to-rail operation.
10
VOUT4
Analog Output Voltage from DAC 4. The output amplifier has rail-to-rail operation.
11
VOUT15
Analog Output Voltage from DAC 15. The output amplifier has rail-to-rail operation.
12
VOUT14
Analog Output Voltage from DAC 14. The output amplifier has rail-to-rail operation.
13
VOUT13
Analog Output Voltage from DAC 13. The output amplifier has rail-to-rail operation.
14
VOUT12
Analog Output Voltage from DAC 12. The output amplifier has rail-to-rail operation.
15, 16
GND
Ground Reference Point for All Circuitry on the Device.
17
LDAC
Load DAC. LDAC operates in two modes: asynchronously and synchronously. Pulsing this pin low updates any or all DAC
registers if the input registers have new data, which simultaneously updates all DAC outputs. This pin can also be tied
permanently low.
18
VLOGIC
Digital Power Supply. The voltage on this pin is specified in Table 2 and Table 3 in the Power Requirements section.
19
SDO
Serial Data Output. This pin can be used to daisy-chain a number of devices together, or it can be used for readback. The serial
data transfers on the rising edge of SCLK and is valid on the falling edge.
20
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC pulses are ignored. When RESET is
activated, the input register and the DAC register are updated with zero-scale or midscale, depending on the model in use.
21
VREF
Reference Output Voltage. When using the internal reference, this is the reference output pin. This pin is the reference output
by default.
22
VOUT11
Analog Output Voltage from DAC 11. The output amplifier has rail-to-rail operation.
23
VOUT10
Analog Output Voltage from DAC 10. The output amplifier has rail-to-rail operation.
24
VOUT9
Analog Output Voltage from DAC 9. The output amplifier has rail-to-rail operation.
25
VOUT8
Analog Output Voltage from DAC 8. The output amplifier has rail-to-rail operation.
26
VOUT3
Analog Output Voltage from DAC 3. The output amplifier has rail-to-rail operation.
27
VOUT2
Analog Output Voltage from DAC 2. The output amplifier has rail-to-rail operation.
28
VOUT1
Analog Output Voltage from DAC 1. The output amplifier has rail-to-rail operation.
EPAD
Exposed Pad. The exposed pad must be tied to GND.
1
VOUT0
2
VDD
3
SYNC
4
SCLK
5
SDI
6
GAIN
7
VOUT7
17 LDAC
18 VLOGIC
19 SDO
20 RESET
21 VREF
16 GND
15 GND
TOP VIEW
(Not to Scale)
AD5679R/AD5679/AD5674R/AD5674
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE
TIED TO GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com