Electronic Components Datasheet Search
  English  ▼

X  

DS28C39 Datasheet(PDF) 4 Page - Analog Devices

Part # DS28C39
Description  DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS28C39 Datasheet(HTML) 4 Page - Analog Devices

  DS28C39 Datasheet HTML 1Page - Analog Devices DS28C39 Datasheet HTML 2Page - Analog Devices DS28C39 Datasheet HTML 3Page - Analog Devices DS28C39 Datasheet HTML 4Page - Analog Devices DS28C39 Datasheet HTML 5Page - Analog Devices DS28C39 Datasheet HTML 6Page - Analog Devices DS28C39 Datasheet HTML 7Page - Analog Devices DS28C39 Datasheet HTML 8Page - Analog Devices DS28C39 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(Limits are 100% tested at TA = 25ºC. Limits over the operating temperature range and relevant supply voltage range are guaranteed
by design and characterization. Specifications marked GBD are guaranteed by design and not production tested. Specifications to the
minimum and maximum operating temperature are guaranteed by design and are not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.97
3.3
3.63
V
Supply Current
ICC
Standby
4
mA
Communicating/active (Note 2)
10
mA
CRYPTO FUNCTIONS
Computation Current
ICMP
(Note 3)
10
mA
Generate ECC Key Pair
tGKP
200
ms
Generate ECDSA Signature
tGES
130
ms
TRNG On-Demand Check
tODC
20
ms
EEPROM
Read Memory
tRM
30
ms
Write Memory
tWM
65
ms
Write State
tWS
15
ms
Write/Erase Cycles (Endurance)
NCY
TA = +85°C (Note 4)
100K
Data Retention
tDR
TA = +85°C (Note 5)
10
years
I2C SCL AND SDA PINS (Note 6)
Low-Level Input Voltage
VIL
-0.3
0.3 ×
VCC
V
High-Level Input Voltage
VIH
0.85 ×
VCC
VCC +
0.3V
V
Hysteresis of Schmitt Trigger
Inputs
VHYS
(Note 2)
0.1 ×
VCC
V
Low-Level Output Voltage at
4mA Sink Current
VOL
(Note 7)
0.4
V
Output Fall Time from VIH(MIN)
to VIL(MAX) with a Bus Capaci-
tance from 10pF to 400pF
tOF
(Note 2)
180
ns
Input Current with an Input
Voltage Between 0.1VCCmax
and 0.9VCCmax
II
(Note 2)
-1
+1
µA
Electrical Characteristics
www.analog.com
Analog Devices │ 4
DS28C39
DeepCover Secure ECDSA Bidirectional
Authenticator with ChipDNA PUF Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com