Electronic Components Datasheet Search
  English  ▼

X  

DS28C39 Datasheet(PDF) 3 Page - Analog Devices

Part # DS28C39
Description  DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS28C39 Datasheet(HTML) 3 Page - Analog Devices

  DS28C39 Datasheet HTML 1Page - Analog Devices DS28C39 Datasheet HTML 2Page - Analog Devices DS28C39 Datasheet HTML 3Page - Analog Devices DS28C39 Datasheet HTML 4Page - Analog Devices DS28C39 Datasheet HTML 5Page - Analog Devices DS28C39 Datasheet HTML 6Page - Analog Devices DS28C39 Datasheet HTML 7Page - Analog Devices DS28C39 Datasheet HTML 8Page - Analog Devices DS28C39 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Voltage Range on Any Pin Relative to GND........-0.5V to +4.0V
Maximum Current into Any Pin......................... -20mA to +20mA
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -40°C to +125°C
Lead temperature (soldering, 10s)..................................+300°C
Soldering Temperature (reflow).......................................+260°C
6 TDFN-EP
Package Code
T633+2
Outline Number
21-0137
Land Pattern Number
90-0058
Thermal Resistance, Single-Layer Board:
Junction to Ambient (θJA)
55°C/W
Junction to Case (θJC)
9°C/W
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
42°C/W
Junction to Case (θJC)
9°C/W
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
https://www.analog.com/en/technical-articles/thermal-char-
acterization-of-ic-packages.html.
For the latest package outline information and land patterns (footprints), go to
https://www.analog.com/en/design-center/packaging-
quality-symbols-footprints/package-index.html. Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
Package Information
www.analog.com
Analog Devices │ 3
DS28C39
DeepCover Secure ECDSA Bidirectional
Authenticator with ChipDNA PUF Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com