Electronic Components Datasheet Search
  English  ▼

X  

LTC2910 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2910
Description  Octal Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910 Datasheet(HTML) 2 Page - Linear Technology

  LTC2910 Datasheet HTML 1Page - Linear Technology LTC2910 Datasheet HTML 2Page - Linear Technology LTC2910 Datasheet HTML 3Page - Linear Technology LTC2910 Datasheet HTML 4Page - Linear Technology LTC2910 Datasheet HTML 5Page - Linear Technology LTC2910 Datasheet HTML 6Page - Linear Technology LTC2910 Datasheet HTML 7Page - Linear Technology LTC2910 Datasheet HTML 8Page - Linear Technology LTC2910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2910
2
2910fb
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VCC (Note 3)............................................. –0.3V to 6V
RST, ⎯R⎯S⎯T ............................................... –0.3V to 16V
TMR.......................................... –0.3V to (VCC + 0.3V)
Vn, DIS, SEL ......................................... –0.3V to 7.5V
Terminal Current
IVCC....................................................................10mA
Reference Load Current (IREF) ...........................±1mA
IRST/⎯R⎯S⎯T..............................................................10mA
(Note 1, 2)
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
VCC
TMR
SEL
DIS
RST
RST
REF
GND
V1
V2
V3
V4
V5
V6
V7
V8
TOP VIEW
DHC16 PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43.5°C/W
EXPOSED PAD (PIN 17) PCB GND CONNECTION OPTIONAL
GN16 PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
V1
V2
V3
V4
V5
V6
V7
V8
VCC
TMR
SEL
DIS
RST
RST
REF
GND
TJMAX = 150°C, θJA = 110°C/W
ORDER PART NUMBER
DHC16 PART MARKING*
ORDER PART NUMBER
GN16 PART MARKING
LTC2910CDHC
LTC2910IDHC
2910
2910
LTC2910CGN
LTC2910IGN
2910
2910I
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, Vn = 0.55V, SEL = VCC, DIS = OPEN unless otherwise noted.
(Note 2)
Operating Temperature Range
LTC2910C ................................................ 0°C to 70°C
LTC2910I ............................................. –40°C to 85°C
Storage Temperature Range
SSOP, DFN ......................................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHUNT
VCC Shunt Regulator Voltage
ICC = 5mA
●
6.2
6.6
6.9
V
ΔVSHUNT
VCC Shunt Regulator Load Regulation
ICC = 2mA to 10mA
●
200
300
mV
VCC
Supply Voltage
●
2.3
VSHUNT
V
VCC(MIN)
Minimum VCC Output Valid
DIS = 0V
●
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com