Electronic Components Datasheet Search
  English  ▼

X  

LTC2910 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2910
Description  Octal Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2910 Datasheet HTML 2Page - Linear Technology LTC2910 Datasheet HTML 3Page - Linear Technology LTC2910 Datasheet HTML 4Page - Linear Technology LTC2910 Datasheet HTML 5Page - Linear Technology LTC2910 Datasheet HTML 6Page - Linear Technology LTC2910 Datasheet HTML 7Page - Linear Technology LTC2910 Datasheet HTML 8Page - Linear Technology LTC2910 Datasheet HTML 9Page - Linear Technology LTC2910 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2910
6
2910fb
TMR PIN CAPACITANCE, CTMR (nF)
10
100
1000
10000
0.1
10
100
1000
2910 G12
1
1
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2910 G10
2
1
0
123
5
Vn = 0.45V
SEL = VCC
RST AT 150mV
RST AT 50mV
IRST/RST (mA)
0
0
0.2
0.4
0.6
0.8
1.0
510
15
20
2910 G11
25
30
125
°C
–40
°C
25
°C
PIN FUNCTIONS
DIS (Pin 13): Output Disable Input. Disables the RST and
⎯R⎯S⎯T output pins. When DIS is pulled high, the RST and
⎯R⎯S⎯T pins are not asserted except during a UVLO condition.
Pin has a weak (2µA) internal pull-down to GND. Leave
pin open if unused.
Exposed Pad (Pin 17, DFN Package): Exposed pad may
be left open or connected to device ground.
GND (Pin 9): Device Ground
REF (Pin 10): Buffered Reference Output. 1V reference
used for the offset of negative-monitoring applications.
The buffered reference sources and sinks up to 1mA.
The reference drives capacitive loads up to 1nF. Larger
capacitive loads may cause instability. Leave pin open if
unused.
RST (Pin 11): Open-Drain Reset Logic Output. Asserts
high when any positive polarity input voltage is below
threshold or any negative polarity input voltage is above
threshold. Held high for an adjustable delay time after all
voltage inputs are valid. Pin has a weak pull-up to VCC and
may be pulled above VCC using an external pull-up. Leave
pin open if unused.
⎯R⎯S⎯T (Pin 12): Open-Drain Inverted Reset Logic Output.
Asserts low when any positive polarity input voltage is
below threshold or any negative polarity input voltage is
above threshold. Held low for an adjustable delay time after
all voltage inputs are valid. Pin has a weak pull-up to VCC
and may be pulled above VCC using an external pull-up.
Leave pin open if unused.
SEL (Pin 14): Input Polarity Select Three-State Input.
Connect to VCC, GND or leave unconnected in open state
to select one of three possible input polarity combinations
(refer to Table 1).
TMR (Pin 15): Reset Delay Timer. Attach an external ca-
pacitor (CTMR) of at least 10pF to GND to set a reset delay
time of 9ms/nF. A 1nF capacitor will generate an 8.5ms
reset delay time. Tie pin to VCC to bypass timer.
V1-V6 (Pin 1, 2, 3, 4, 5 & 6): Voltage Inputs 1 through
6. When the voltage on this pin is below 0.5V, a reset
condition is triggered. Tie pin to VCC if unused.
V7-V8 (Pin 7 & 8): Voltage Inputs 7 and 8. The polarity
of the input is selected by the state of the SEL pin (refer
TYPICAL PERFORMANCE CHARACTERISTICS
⎯R⎯S⎯T, ISINK vs VCC
RST/⎯R⎯S⎯T Voltage Output Low vs
Output Sink Current
Reset Timeout Period vs
Capacitance
Specifications are at TA = 25°C and VCC = 3.3V
unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com