Electronic Components Datasheet Search
  English  ▼

X  

LTC3218 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3218
Description  400mA Single Wire Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3218 Datasheet(HTML) 5 Page - Linear Technology

  LTC3218 Datasheet HTML 1Page - Linear Technology LTC3218 Datasheet HTML 2Page - Linear Technology LTC3218 Datasheet HTML 3Page - Linear Technology LTC3218 Datasheet HTML 4Page - Linear Technology LTC3218 Datasheet HTML 5Page - Linear Technology LTC3218 Datasheet HTML 6Page - Linear Technology LTC3218 Datasheet HTML 7Page - Linear Technology LTC3218 Datasheet HTML 8Page - Linear Technology LTC3218 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3218
5
3218fa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs VIN
2x Mode CPO Output Ripple
PIN FUNCTIONS
CP, CM (Pin 1, Pin 9): Charge Pump Flying Capacitor. A
2.2µF X5R or X7R ceramic capacitor should be connected
from CP to CM.
CPO (Pin 2): Output of the Charge Pump. This pin may
be enabled or disabled using the ENT and ENF inputs.
A 4.7µF X5R or X7R ceramic capacitor is required from
CPO to GND.
ILED (Pin 3): LED Current Output. The LED is connected
between ILED (anode) and GND (cathode). The current
out of the ILED pin is set by resistors connected to the
ISETT and ISETF pins. An internal, 220mΩ sense resistor
is connected between CPO and ILED
ENT (Pin 4): Input. The ENT pin is used to enable the
part into torch mode and bring it into shutdown mode.
An internal 250kΩ resistor pulls this pin to GND when
left floating.
ISETT (Pin 5): LED Torch Current Programming Resistor.
A resistor connected between this pin and GND is used
to set the LED torch current level.
ISETF (Pin 6): LED Flash Current Programming Resistor.
A resistor connected between this pin and GND is used
to set the LED flash current level.
ENF (Pin 7): Input. The ENF pin is used to enable the
part into flash mode and bring it into shutdown mode.
An internal 250kΩ resistor pulls this pin to GND when
left floating. A safety timer will disable the part if this pin
is held high for more than 2 seconds.
GND (Pin 8): Ground. This pin should be connected directly
to a low impedance ground plane.
VIN (Pin 10): Power. Supply voltage for the LTC3218. VIN
should be bypassed with a low impedance ceramic capaci-
tor to GND of at least 1.6µF of capacitance.
Exposed Pad (Pin 11): Ground. This pad must be soldered
to a low impedance ground plane for optimum thermal
performance.
VIN (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
3218 G13
40
50
70
80
90
100
60
50mA
100mA
150mA
200mA
300mA
500ns/DIV
50mV/DIV
AC COUPLED
3218 G14
VIN = 3.6V
ICPO = 200mA
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com