Electronic Components Datasheet Search
  English  ▼

X  

LTC3218 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3218
Description  400mA Single Wire Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3218 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3218 Datasheet HTML 2Page - Linear Technology LTC3218 Datasheet HTML 3Page - Linear Technology LTC3218 Datasheet HTML 4Page - Linear Technology LTC3218 Datasheet HTML 5Page - Linear Technology LTC3218 Datasheet HTML 6Page - Linear Technology LTC3218 Datasheet HTML 7Page - Linear Technology LTC3218 Datasheet HTML 8Page - Linear Technology LTC3218 Datasheet HTML 9Page - Linear Technology LTC3218 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3218
6
3218fa
BLOCK DIAGRAM
The LTC3218 uses a switched capacitor charge pump to
power a high current LED with a programmed regulated
current. Current regulation is achieved using an internal
current sense resistor connected between the CPO and
ILED pins. The part starts up in 1x mode after a soft-start
period. In this mode, VIN is connected to the CPO through
switches, the strengths of which are modulated to achieve
the desired LED current. This mode provides maximum
efficiency and minimum noise. The LTC3218 will remain in
–
+
CPO
ILED
GND
ISETF
VIN
ENT
CP
CM
3218 BD
CURRENT
SOURCE
CONTROL
VREF
VOLTAGE
CLAMP
106
Ω
220m
Ω
OSCILLATOR
MODE
CONTROL
1
9
2
3
8
GND
11
6
ISETT
5
4
ENF
7
10
CONTROL
LOGIC
OPERATION
this mode until the LED forward voltage (VF) approaches
the maximum CPO voltage possible in this mode. When
this dropout condition occurs, the LTC3218 will switch to
2x mode after a soft-start period.
The current delivered to the LED load is controlled by the
internal programmable current source. The current is
programmed by resistors connected between the ISETT
and ISETF pins and GND. The resistor values needed to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com