Electronic Components Datasheet Search
  English  ▼

X  

LTC4215 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4215
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4215 Datasheet HTML 5Page - Linear Technology LTC4215 Datasheet HTML 6Page - Linear Technology LTC4215 Datasheet HTML 7Page - Linear Technology LTC4215 Datasheet HTML 8Page - Linear Technology LTC4215 Datasheet HTML 9Page - Linear Technology LTC4215 Datasheet HTML 10Page - Linear Technology LTC4215 Datasheet HTML 11Page - Linear Technology LTC4215 Datasheet HTML 12Page - Linear Technology LTC4215 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4215
9
4215fb
PI FU CTIO S
per 1nF of soft-start capacitor to ensure proper start-up.
Use 1nF minimum to ensure an accurate inrush current.
TIMER: Start-Up Timer Input. Connect a capacitor be-
tween this pin and ground to set a 12.3ms/µF duration
for start-up, after which an overcurrent fault is logged if
the inrush is still current limited. The duration of the off
time is 600ms/µF when overcurrent auto-retry is enabled,
resulting in a 1:50 duty cycle. An internal timer provides
a 100ms start-up time and 5 seconds auto-retry time if
this pin is tied to INTVCC. Allow an additional 10nF of
timer capacitance per 1nF of soft-start (SS) capacitor to
ensure proper start-up. The minimum value for the TIMER
capacitor is 10nF.
UV: Undervoltage Comparator Input. Connect this pin
to an external resistive divider from VDD. If the voltage
at this pin falls below 1.227V, an undervoltage fault is
detected and the GATE turns off. Pulling this pin below
0.4V resets all faults and allows the GATE to turn back on.
Tie to INTVCC if unused.
VDD: Supply Voltage Input. This pin has an undervoltage
lockout threshold of 2.84V and overvoltage lockout
threshold of 15.6V.
1.235V
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
UV
UV
+
–
+
–
PG
PWRGD
LOGIC
FAULT
CB
CS
GATE
SOURCE
FET ON
SENSE–
SENSE+ (QFN), VDD (SSOP)
FOLDBACK
AND dI/dt
RST
UV
FB
ON
VDD
ADIN (QFN)
SDAI (QFN)
SDAO (QFN)
SDA (SSOP)
SCL
ALERT
OV (QFN)
EN
(QFN)
0.4V
1.235V
10
µA
10
µA
INTVCC
1.235V
1.235V
2.84V
15.6V
1.235V
SS
1.235V
0.6V
RESET
OV1
OV
EN
EN
ON
TM1
GP
UVLO2
TM2
ON
OV2
OV2
UVLO1
VDD(UVLO)
CHARGE
PUMP AND
GATE DRIVER
GPI0
1V
TIMER
+
–
0.2V
1.235V
VDD – VSENSE
I2C ADDR
SOURCE
A/D
CONVERTER
8
100
µA
2.64V
3.1V
GEN
2
µA
+
–
+
–
ADRO
ADR1 (QFN)
4215 BD
ADR2 (QFN)
INTVCC
+
–
5
I2C
1 OF 27
VCC
FU CTIO AL DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com