Electronic Components Datasheet Search
  English  ▼

X  

LTC4215 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4215
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4215 Datasheet HTML 14Page - Linear Technology LTC4215 Datasheet HTML 15Page - Linear Technology LTC4215 Datasheet HTML 16Page - Linear Technology LTC4215 Datasheet HTML 17Page - Linear Technology LTC4215 Datasheet HTML 18Page - Linear Technology LTC4215 Datasheet HTML 19Page - Linear Technology LTC4215 Datasheet HTML 20Page - Linear Technology LTC4215 Datasheet HTML 21Page - Linear Technology LTC4215 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4215
18
4215fb
APPLICATIO S I FOR ATIO
same seven bit address with the R/
⎯W bit now set to one.
The LTC4215 acknowledges and send the contents of the
requested register. The transmission is ended when the
master sends a STOP condition. If the master acknowledges
the transmitted data byte, as in a Read Word command,
Figure 10, the LTC4215 repeats the requested register as
the second data byte.
Alert Response Protocol
When any of the fault bits in FAULT register D are set, an
optional bus alert is generated if the appropriate bit in the
ALERT register B is also set. If an alert is enabled, the cor-
responding fault causes the
⎯A⎯L⎯E⎯R⎯T pin to pull low. After
the bus master controller broadcasts the Alert Response
Address, the LTC4215 responds with its address on the
SDA line and then release
⎯A⎯L⎯E⎯R⎯T as shown in Figure 11.
The
⎯A⎯L⎯E⎯R⎯T line is also released if the device is addressed
by the bus master. The
⎯A⎯L⎯E⎯R⎯T signal is not pulled low
again until the FAULT register indicates a different fault
has occurred or the original fault is cleared and it occurs
again. Note that this means repeated or continuing faults
do not generate alerts until the associated FAULT register
bit has been cleared.
S
ADDRESS
1 0 a4:a0
4215 F07
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
A: ACKNOWLEDGE (LOW)
A: NOT ACKNOWLEDGE (HIGH)
R: READ BIT (HIGH)
W: WRITE BIT (LOW)
S: START CONDITION
P: STOP CONDITION
COMMAND
DATA
X X X X X b2:b0
0
W
00
0
b7:b0
A
A
AP
S
ADDRESS
1 0 a4:a0
COMMAND
DATA
DATA
X X X X X b2:b0
0
W
00
0
0
4215 F08
X X X X X X X X
b7:b0
A
A
A
AP
S
ADDRESS
1 0 a4:a0
1 0 a4:a0
1 0
COMMAND
S
ADDRESS
R A
b7:b0 1
DATA
X X X X X b2:b0
0
W
00
4215 F10
A
A
AP
S
ADDRESS
1 0 a4:a0
1 0 a4:a0
1 0
COMMAND
S
ADDRESS
R A
b7:b0
1
DATA
X X X X X b2:b0
0
W
00
4215 F11
A
0
A
b7:b0
DATA
A
AP
S
ALERT
RESPONSE
ADDRESS
0 0 0 1 1 0 0
DEVICE
ADDRESS
1 0 a4:a0 0
1
1
R
0
4215 F11
A
A P
Figure 7. LTC4215 Serial Bus SDA Write Byte Protocol
Figure 8. LTC4215 Serial Bus SDA Write Word Protocol
Figure 9. LTC4215 Serial Bus SDA Read Byte Protocol
Figure 10. LTC4215 Serial Bus SDA Read Word Protocol
Figure 11. LTC4215 Serial Bus SDA Alert Response Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com